Electronic Components Datasheet Search
  English  ▼

X  

BFQ136 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFQ136
Description  NPN 4 GHz wideband transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ136 Datasheet(HTML) 5 Page - NXP Semiconductors

  BFQ136 Datasheet HTML 1Page - NXP Semiconductors BFQ136 Datasheet HTML 2Page - NXP Semiconductors BFQ136 Datasheet HTML 3Page - NXP Semiconductors BFQ136 Datasheet HTML 4Page - NXP Semiconductors BFQ136 Datasheet HTML 5Page - NXP Semiconductors BFQ136 Datasheet HTML 6Page - NXP Semiconductors BFQ136 Datasheet HTML 7Page - NXP Semiconductors BFQ136 Datasheet HTML 8Page - NXP Semiconductors BFQ136 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
September 1995
5
Philips Semiconductors
Product specification
NPN 4 GHz wideband transistor
BFQ136
Fig.5
Transition frequency as a function of
collector current.
VCE = 15 V; f = 500 MHz; Tj =25 °C
handbook, halfpage
MEA262
4
2
1
0
1000
100
10
3
I
(mA)
C
(GHz)
f T
5
Fig.6
Maximum unilateral power gain as a
function of frequency.
IC = 500 mA; VCE = 15 V; Tamb =25 °C.
handbook, halfpage
MEA264
40
0
20
30
0.1
1
10
10
f (MHz)
G UM
(dB)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com