Electronic Components Datasheet Search
  English  ▼

X  

BFQ136 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFQ136
Description  NPN 4 GHz wideband transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ136 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFQ136 Datasheet HTML 1Page - NXP Semiconductors BFQ136 Datasheet HTML 2Page - NXP Semiconductors BFQ136 Datasheet HTML 3Page - NXP Semiconductors BFQ136 Datasheet HTML 4Page - NXP Semiconductors BFQ136 Datasheet HTML 5Page - NXP Semiconductors BFQ136 Datasheet HTML 6Page - NXP Semiconductors BFQ136 Datasheet HTML 7Page - NXP Semiconductors BFQ136 Datasheet HTML 8Page - NXP Semiconductors BFQ136 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
September 1995
2
Philips Semiconductors
Product specification
NPN 4 GHz wideband transistor
BFQ136
DESCRIPTION
NPN transistor in a four-lead
dual-emitter SOT122A envelope with
a ceramic cap. All leads are isolated
from the stud. Diffused
emitter-ballasting resistors and the
application of gold sandwich
metallization ensure an optimum
temperature profile and excellent
reliability properties. It features
extremely high output voltage
capabilities.
It is primarily intended for final stages
in UHF amplifiers.
PINNING
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
Fig.1 SOT122A.
page
Top view
MBK187
3
1
2
4
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VCEO
collector-emitter voltage
open base
−
18
V
IC
DC collector current
−
600
mA
Ptot
total power dissipation
up to Tc = 100 °C
−
9W
fT
transition frequency
IC = 500 mA; VCE = 15 V; f = 500 MHz;
Tj =25 °C
4.0
−
GHz
GUM
maximum unilateral power gain
IC = 500 mA; VCE = 15 V; f = 800 MHz;
Tamb =25 °C
12.5
−
dB
Vo
output voltage
Ic = 500 mA; VCE = 15 V;
dim = −60 dB; RL =75 Ω;
f(p+q−r) = 793.25 MHz; Tamb =25 °C
2.5
−
V
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged. All
persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com