Electronic Components Datasheet Search
  English  ▼

X  

BFQ136 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BFQ136
Description  NPN 4 GHz wideband transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ136 Datasheet(HTML) 1 Page - NXP Semiconductors

  BFQ136 Datasheet HTML 1Page - NXP Semiconductors BFQ136 Datasheet HTML 2Page - NXP Semiconductors BFQ136 Datasheet HTML 3Page - NXP Semiconductors BFQ136 Datasheet HTML 4Page - NXP Semiconductors BFQ136 Datasheet HTML 5Page - NXP Semiconductors BFQ136 Datasheet HTML 6Page - NXP Semiconductors BFQ136 Datasheet HTML 7Page - NXP Semiconductors BFQ136 Datasheet HTML 8Page - NXP Semiconductors BFQ136 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
Product specification
File under Discrete Semiconductors, SC14
September 1995
DISCRETE SEMICONDUCTORS
BFQ136
NPN 4 GHz wideband transistor


Similar Part No. - BFQ136

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ131 PHILIPS-BFQ131 Datasheet
40Kb / 6P
NPN video transistor
1995 Sep 26
BFQ135 PHILIPS-BFQ135 Datasheet
78Kb / 12P
NPN 6.5 GHz wideband transistor
1997 Nov 07
More results

Similar Description - BFQ136

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG35 PHILIPS-BFG35 Datasheet
91Kb / 16P
NPN 4 GHz wideband transistor
1999 Aug 24
BFQ18A PHILIPS-BFQ18A Datasheet
37Kb / 6P
NPN 4 GHz wideband transistor
September 1995
BFQ68 PHILIPS-BFQ68 Datasheet
74Kb / 10P
NPN 4 GHz wideband transistor
September 1995
BFQ18A NXP-BFQ18A Datasheet
227Kb / 7P
NPN 4 GHz wideband transistor
Rev. 03-28 September 2007
logo
Quanzhou Jinmei Electro...
BFG35_2015 JMNIC-BFG35_2015 Datasheet
103Kb / 16P
NPN 4 GHz wideband transistor
BFQ18A_2015 JMNIC-BFQ18A_2015 Datasheet
42Kb / 6P
NPN 4 GHz wideband transistor
logo
NXP Semiconductors
BFG35 PHILIPS-BFG35_15 Datasheet
305Kb / 14P
NPN 4 GHz wideband transistor
1999 Aug 24
logo
Quanzhou Jinmei Electro...
BFG35 JMNIC-BFG35_15 Datasheet
103Kb / 16P
NPN 4 GHz wideband transistor
BFQ18A JMNIC-BFQ18A_15 Datasheet
42Kb / 6P
NPN 4 GHz wideband transistor
logo
List of Unclassifed Man...
BFQ34T ETC-BFQ34T Datasheet
521Kb / 9P
NPN 4 GHz wideband transistor
NOVEMBER 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com