Electronic Components Datasheet Search
  English  ▼

X  

BFQ136 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFQ136
Description  NPN 4 GHz wideband transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ136 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFQ136 Datasheet HTML 1Page - NXP Semiconductors BFQ136 Datasheet HTML 2Page - NXP Semiconductors BFQ136 Datasheet HTML 3Page - NXP Semiconductors BFQ136 Datasheet HTML 4Page - NXP Semiconductors BFQ136 Datasheet HTML 5Page - NXP Semiconductors BFQ136 Datasheet HTML 6Page - NXP Semiconductors BFQ136 Datasheet HTML 7Page - NXP Semiconductors BFQ136 Datasheet HTML 8Page - NXP Semiconductors BFQ136 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
September 1995
3
Philips Semiconductors
Product specification
NPN 4 GHz wideband transistor
BFQ136
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
THERMAL RESISTANCE
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Notes
1. Measured with emitter and base grounded.
2. GUM is the maximum unilateral power gain, assuming S12 is zero and
3. dim = −60 dB; IC = 500 mA; VCE = 15 V; RL =75 Ω; Tamb =25 °C;
Vp =Vo at dim = −60 dB; fp = 795.25 MHz;
Vq =Vo −6 dB; fq = 803.25 MHz;
Vr =Vo −6 dB; fr = 805.25 MHz;
measured at f(p+q−r) = 793.25 MHz.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
25
V
VCEO
collector-emitter voltage
open base
−
18
V
VEBO
emitter-base voltage
open collector
−
2V
IC
DC collector current
−
600
mA
Ptot
total power dissipation
up to Tc = 100 °C
−
9W
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
−
200
°C
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-c
thermal resistance from junction to case
11 K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = 15 V
−−
75
µA
hFE
DC current gain
IC = 500 mA; VCE = 15 V
25
75
−
Cc
collector capacitance
IE =ie = 0; VCB = 15 V; f = 1 MHz
−
7.0
−
pF
Ce
emitter capacitance
IC =ic = 0; VEB = 0.5 V; f = 1 MHz
−
40
−
pF
Cre
feedback capacitance
IC = 0; VCE = 15 V; f = 1 MHz
−
4.0
−
pF
Ccs
collector-stud capacitance
note 1
−
0.8
−
pF
fT
transition frequency
IC = 500 mA; VCE = 15 V;
f = 500 MHz
−
4.0
−
GHz
GUM
maximum unilateral power gain
(note 2)
IC = 500 mA; VCE = 15 V;
f = 800 MHz; Tamb =25 °C
−
12.5
−
dB
Vo
output voltage (see Fig.2)
note 3
−
2.5
−
V
G
UM
10 log
S
21
2
1S
11
2
–


1S
22
2
–


--------------------------------------------------------------
dB.
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com