Electronic Components Datasheet Search
  English  ▼

X  

AM79C874 Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM79C874
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874 Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM79C874 Datasheet HTML 14Page - Advanced Micro Devices AM79C874 Datasheet HTML 15Page - Advanced Micro Devices AM79C874 Datasheet HTML 16Page - Advanced Micro Devices AM79C874 Datasheet HTML 17Page - Advanced Micro Devices AM79C874 Datasheet HTML 18Page - Advanced Micro Devices AM79C874 Datasheet HTML 19Page - Advanced Micro Devices AM79C874 Datasheet HTML 20Page - Advanced Micro Devices AM79C874 Datasheet HTML 21Page - Advanced Micro Devices AM79C874 Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
18
Am79C874
P R E L I M INARY
Savings Mechanisms section). All of the amplification
ratio and slicer thresholds are set by the on-chip band-
gap reference.
In 100BASE-FX mode, signal will be received through
a PECL receiver, and directly passed to the clock re-
covery for data/clock extraction. In FX mode, the
scrambler/descrambler cipher will be bypassed.
4B/5B Encoder/Decoder
The 100 Mbps process in the NetPHY-1LP device uses
the 4B/5B encoding scheme as defined in IEEE 802.3,
Section 24. This scheme converts between raw data on
the MII and encoded data on the media pins. The en-
coder converts raw data to the 4B/5B code. It also in-
serts the stream boundary delimiters (/J/K/ and /T/R/)
at the beginning and end of the data stream as appro-
priate. The decoder converts between encoded data
on the media pins and raw data on the MII. It also de-
tects the stream boundary delimiters to help determine
the start and end of packets. The code-group mapping
is defined in Table 2.
The 4B/5B encoding is bypassed when MII Register
21, bit 1 is set to “1”, or the PCSBP pin (pin 1) is
strapped high.
Scrambler/Descrambler
The 4B/5B encoded data has repetitive patterns which
result in peaks in the RF spectrum large enough to
keep the system from meeting the standards set by
regulatory agencies such as the FCC. The peaks in the
radiated signal are reduced significantly by scrambling
the transmitted signal. Scramblers add the output of a
random generator to the data signal. The resulting sig-
nal has fewer repetitive data patterns.
After reset, the scrambler seed in each port will be set
to the PHY address value to help improve the EMI per-
formance of the device.
The scrambled data stream is descrambled at the re-
ceiver by adding it to the output of another random gen-
erator. The receiver’s random generator uses the same
function as the transmitter’s random generator.
In 100BASE-TX mode, all 5-bit transmit data streams
are scrambled as defined by the TP-PMD Stream
Cipher function in order to reduce radiated emissions
on the twisted pair cable. The scrambler encodes a
plain text NRZ bit stream using a key stream periodic
sequence of 2047 bits generated by the recursive
linear function:
X[n] = X[n-11] + X[n-9] (modulo 2)
The scrambler reduces peak emissions by randomly
sp rea ding t he signal energy ove r the tran smit
frequency range, thus eliminating peaks at a single fre-
quency.
When MII Register 21, bit 2 is set to “1,” the data
scrambling function is disabled and the 5-bit data
stream is clocked directly to the device’s PMA sublayer.
L
ink Monitor
Signal levels are detected through a squelch detection
circuit. A signal detect (SD) circuit following the equal-
izer is asserted high whenever the peak detector
senses a post-equalized signal with a peak-to-ground
voltage level larger than 400 mV. This is approximately
40 percent of the normal signal voltage level. In addi-
tion, the energy level must be sustained longer than
2 ms in order for the signal detect to be asserted. It gets
de-asserted approximately 1 ms after the energy level
is consistently less than 300 mV from peak-to-ground.
The link signal is forced to low during a local loopback
operation (i.e., when MII Register 0, bit 14, Loopback is
asserted) and forced to high when a remote loopback
is taking place (i.e., when MII Register 21, bit 3,
EN_RPBK, is set).
In 100BASE-TX mode, when no signal or an invalid sig-
nal is detected on the receive pair, the link monitor will
enter in the “link fail” state where only the scrambled
idle code will be transmitted. When a valid signal is de-
tected for a minimum period of time, the link monitor will
then enter the link pass state when transmit and re-
ceive functions are entered.
In 100BASE-FX mode, the external fiber-optic receiver
performs the signal energy detection function and com-
municates this information directly to the NetPHY-1LP
device through the SDI+ pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com