Electronic Components Datasheet Search
  English  ▼

X  

AM79C874 Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # AM79C874
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874 Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button AM79C874 Datasheet HTML 52Page - Advanced Micro Devices AM79C874 Datasheet HTML 53Page - Advanced Micro Devices AM79C874 Datasheet HTML 54Page - Advanced Micro Devices AM79C874 Datasheet HTML 55Page - Advanced Micro Devices AM79C874 Datasheet HTML 56Page - Advanced Micro Devices AM79C874 Datasheet HTML 57Page - Advanced Micro Devices AM79C874 Datasheet HTML 58Page - Advanced Micro Devices AM79C874 Datasheet HTML 59Page - Advanced Micro Devices AM79C874 Datasheet HTML 60Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
Am79C874
57
P R E L I M INARY
10 Mbps GPSI Receive Timing
Figure 28.
GPSI Receive Timing - End of Reception (Last Bit = 1)
10 Mbps GPSI Collision Timing
Figure 29.
GPSI Collision Timing
Symbol
Parameter Description
Min.
Max.
Unit
tGDOFF
Delay from RX± going to 1 to the Rising Edge of 10RXCLK, which
clocks out the last bit of data on 10RXD
190
ns
tGRCD
Rising Edge of 10RXCLK to 10RXD or 10CRS
45
55
ns
RX ±
0
Bit (N _ 1)
1
Bit N
Bit (N _ 1)
Bit N
10RXCLK
10RXD
10CRS
tGRCD
tGDOFF
22235I-30
Symbol
Parameter Description
Min.
Max.
Unit
tGCSCLH
Collision Start to 10COL HIGH
80
150
ns
tGCECLL
Collision End to 10COL LOW
125
185
ns
Collision
Presence±
10COL
0 V
+
tGCSCLH
tGCECLL
22235I-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com