Electronic Components Datasheet Search
  English  ▼

X  

AM79C874 Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM79C874
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874 Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM79C874 Datasheet HTML 27Page - Advanced Micro Devices AM79C874 Datasheet HTML 28Page - Advanced Micro Devices AM79C874 Datasheet HTML 29Page - Advanced Micro Devices AM79C874 Datasheet HTML 30Page - Advanced Micro Devices AM79C874 Datasheet HTML 31Page - Advanced Micro Devices AM79C874 Datasheet HTML 32Page - Advanced Micro Devices AM79C874 Datasheet HTML 33Page - Advanced Micro Devices AM79C874 Datasheet HTML 34Page - Advanced Micro Devices AM79C874 Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
Am79C874
31
P R E L I M INARY
MII Management Status Register (Register 1)
Table 11.
MII Management Status Register (Register 1)
PHY Identifier 1 Register (Register 2)
Table 12.
PHY Identifier 1 Register (Register 2)
Reg
Bit
Name
Description
Read/
Write
Default
1
15
100BASE-T4
1 = 100BASE-T4 able.
0 = Not 100BASE-T4 able.
RO
0
114
100BASE-TX Full
Duplex
1 = 100BASE-TX Full Duplex.
0 = No 100BASE-TX Full Duplex ability.
RO
set by
TECH[2:0]
pins
113
100BASE-TX Half
Duplex
1 = 100BASE-TX Half Duplex.
0 = No TX half-duplex ability.
RO
set by
TECH[2:0]
pins
112
10BASE-T Full
Duplex
1 = 10BASE-T Full Duplex.
0 = No 10BASE-T Full Duplex ability.
RO
set by
TECH[2:0]
pins
111
10BASE-T Half
Duplex
1 = 10BASE-T Half Duplex.
0 = No 10BASE-T ability.
RO
set by
TECH[2:0]
pins
1
10:7
Reserved
Ignore when read.
RO
0
1
6
Management
Frame Preamble
Suppression
The device accepts management frames that do not have a
preamble after receiving a management frame with a 32-bit or
longer preamble.
RO
1
15
Auto-Negotiation
Complete
1 = Auto-Negotiation process completed. Registers 4, 5, and 6
are valid after this bit is set.
0 = Auto-Negotiation process not completed.
RO
0
1
4
Remote Fault
1 = Remote fault condition detected.
0 = No remote fault.
This bit will remain set until it is read via the management
interface.
RO/LH
0
13
Auto-Negotiation
Ability
1 = Able to perform Auto-Negotiation function; value is
determined by ANEGA pin.
0 = Unable to perform Auto-Negotiation function.
RO
set by
ANEGA pin
1
2
Link Status
1 = Link is established; however, if the NetPHY-1LP device link
fails, this bit will be cleared and remain cleared until Register 1
is read via management interface.
0 = link is down.
RO/LL
0
1
1
Jabber Detect
1 = Jabber condition detected.
0 = No Jabber condition detected.
RO/LH
0
10
Extended
Capability
1 = Extended register capable. This bit is tied permanently to
one.
RO
1
Reg
Name
Description
Read/
Write
Default
215
OUI
Composed of the 3rd through 18th bits of the Organizationally
Unique Identifier (OUI), respectively.
RO
0022(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com