Electronic Components Datasheet Search
  English  ▼

X  

AM79C874 Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM79C874
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874 Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM79C874 Datasheet HTML 6Page - Advanced Micro Devices AM79C874 Datasheet HTML 7Page - Advanced Micro Devices AM79C874 Datasheet HTML 8Page - Advanced Micro Devices AM79C874 Datasheet HTML 9Page - Advanced Micro Devices AM79C874 Datasheet HTML 10Page - Advanced Micro Devices AM79C874 Datasheet HTML 11Page - Advanced Micro Devices AM79C874 Datasheet HTML 12Page - Advanced Micro Devices AM79C874 Datasheet HTML 13Page - Advanced Micro Devices AM79C874 Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
10
Am79C874
P R E L I M INARY
PIN DESCRIPTIONS
The following table describes terms used in the pin de-
scriptions.
Media Connections
TX±
Transmitter Outputs
Analog Output
The TX
– pins are the differential transmit output pair.
The TX
– pins transmit 10BASE-T or MLT-3 signals de-
pending on the state of the link of the port.
RX±
Receiver Input
Analog Input
The RX
– pins are the differential receive input pair. The
RX
– pins can receive 10BASE-T or MLT-3 signals de-
pending on the state of the link of the port.
FXT±
FX Transmit
Analog Output
These pins are not connected in 10/100BASE-TX
mode.
When FX_SEL (Pin 44) is pulled low, these pins be-
come the ECL level transmit output for 100BASE-FX.
TEST0/FXR-
Test Output/FX Receive
-Analog Output/Input
When BURN_IN (Pin 7) is pulled high, this pin serves
as a test mode output monitor pin.
When FX_SEL (Pin 44) is pulled low, this pin becomes
an ECL level negative receive input for 100BASE-FX.
This pin can be left unconnected when the device is op-
erating in 100BASE-TX or 10BASE-T mode.
TEST1/FXR+
Test Output/FX Receive
+Analog Output/Input
When BURN_IN (Pin 7) is pulled high, this pin serves
as a test mode output monitor pin.
When FX_SEL (Pin 44) is pulled low, this pin becomes
an ECL level positive receive input for 100BASE-FX.
This pin can be left unconnected when the device is op-
erating in 100BASE-TX or 10BASE-T mode.
TEST3/SDI+
FX Transceiver Signal Detect Analog Output/Input
When BURN_IN (Pin 7) is pulled high, this pin serves
as a test mode output monitor pin.
This pin is not connected in 10/100BASE-TX mode.
When FX_SEL (Pin 44) is pulled low, this pin becomes
the Signal Detect input from the Fiber-Optic trans-
ceiver. When the signal quality is good, the SDI+ pin
should be driven high.
MII/7-Wire (GPSI) Signals
RXD[3:0]
MII Receive Data
Output, High Impedance
The data is synchronous with RX_CLK when RX_DV is
active. When the 7-wire 10BASE-T interface operation
is enabled (GPIO[0]= HIGH), RXD[0] will serve as the
10 MHz serial data output.
RX_DV
Receive Data Valid
Output, High Impedance
RX_DV is asserted when the NetPHY-1LP device is
presenting recovered nibbles on RXD[3:0]. This in-
cludes the preamble through the last nibble of the data
stream on RXD[3:0]. In 100BASE-X mode, the /J/K/ is
considered part of the preamble; thus RX_DV is as-
serted when /J/K/ is detected. In 10BASE-T mode,
RX_DV is asser ted (and da ta is p resented o n
RXD[3:0]) when the device detects valid preamble bits.
RX_DV is synchronized to RX_CLK.
RX_CLK/10RXCLK
Receive Clock
Output, High Impedance
A continuous clock (which is active while LINK is estab-
lished) provides the timing reference for RX_DV,
RX_ER, and RXD[3:0] signals. It is 25 MHz in
100BASE-TX/FX and 2.5 MHz in 10BASE-T. To further
reduce power consumption of the overall system, the
device provides an optional mode enabled through MII
Register 16, bit 0 in which RX_CLK is held inactive
(low) when no data is received. If RX_CLK is needed
when LINK is not established, the NetPHY-1LP must be
placed into digital loopback or force the link via register
21, bits 13 or 14.
When 7-wire 10BASE-T mode is enabled, this pin will
provide a 10 MHz clock. RX_CLK is high impedance
when the ISO pin is enabled
RX_ER/RXD[4]
Receive Error
Output, High Impedance
When RX_ER is active high, it indicates an error has
been detected during frame reception.
This pin becomes the highest-order bit of the receive 5-
bit code group in PCS bypass (PCSBP=HIGH) mode.
This output is ignored in 10BASE-T operation.
Term
Description
Input
Digital input to the PHY
Analog Input
Analog input to the PHY
Output
Digital output from the PHY
Analog Output
Analog output from the PHY
High Impedance
Tri-state capable output from the PHY
Pull-Up
PHY has internal pull-up resistor.
NC=HIGH
Pull-Down
PHY has internal pull-down resistor.
NC=LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com