Electronic Components Datasheet Search
  English  ▼

X  

74LVC162245APVG Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 74LVC162245APVG
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74LVC162245APVG Datasheet(HTML) 3 Page - Renesas Technology Corp

  74LVC162245APVG Datasheet HTML 1Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 2Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 3Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 4Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 5Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 6Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVC162245A
3.3V CMOS 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
3
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VIH
Input HIGH Voltage Level
VCC = 2.3V to 2.7V
1.7
—
—
V
VCC = 2.7V to 3.6V
2
—
—
VIL
Input LOW Voltage Level
VCC = 2.3V to 2.7V
—
—
0.7
V
VCC = 2.7V to 3.6V
—
—
0.8
IIH
Input Leakage Current
VCC = 3.6V
VI = 0 to 5.5V
—
—
±5
μA
IIL
IOZH
High Impedance Output Current
VCC = 3.6V
VO = 0 to 5.5V
—
—
±10
μA
IOZL
(3-State Output pins)
IOFF
Input/Output Power Off Leakage
VCC = 0V, VIN or VO
≤ 5.5V
—
—
±50
μA
VIK
Clamp Diode Voltage
VCC = 2.3V, IIN = –18mA
—
–0.7
–1.2
V
VH
Input Hysteresis
VCC = 3.3V
—
100
—
mV
ICCL
Quiescent Power Supply Current
VCC = 3.6V
VIN = GND or VCC
——
10
μA
ICCH
ICCZ
3.6
≤ VIN ≤ 5.5V(2)
——
10
ΔICC
Quiescent Power Supply Current
One input at VCC - 0.6V, other inputs at VCC or GND
—
—
500
μA
Variation
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Operating Condition: TA = –40°C to +85°C
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
OUTPUT DRIVE CHARACTERISTICS (A PORT)
Symbol
Parameter
TestConditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC – 0.2
—
V
VCC = 2.3V
IOH = – 4mA
1.9
—
IOH = – 6mA
1.7
—
VCC = 2.7V
IOH = – 4mA
2.2
—
IOH = – 8mA
2
—
VCC = 3V
IOH = – 6mA
2.4
—
IOH = – 12mA
2
—
VOL
OutputLOWVoltage
VCC = 2.3V to 3.6V
IOL = 0.1mA
—
0.2
V
VCC = 2.3V
IOL = 4mA
—
0.4
IOL = 6mA
—
0.55
VCC = 2.7V
IOL = 4mA
—
0.4
IOL = 8mA
—
0.6
VCC = 3V
IOL = 6mA
—
0.55
IOL = 12mA
—
0.8
NOTES:
1. Typical values are at VCC = 3.3V, +25°C ambient.
2. This applies in the disabled state only.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com