Electronic Components Datasheet Search
  English  ▼

X  

74LVC162245APVG Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 74LVC162245APVG
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74LVC162245APVG Datasheet(HTML) 4 Page - Renesas Technology Corp

  74LVC162245APVG Datasheet HTML 1Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 2Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 3Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 4Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 5Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 6Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74LVC162245A
3.3V CMOS 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
OPERATING CHARACTERISTICS, VCC = 3.3V ± 0.3V, TA = 25°C
Symbol
Parameter
Test Conditions
Typical
Unit
CPD
PowerDissipationCapacitanceperTransceiverOutputsenabled
CL = 0pF, f = 10Mhz
pF
CPD
PowerDissipationCapacitanceperTransceiverOutputsdisabled
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
OUTPUT DRIVE CHARACTERISTICS (B PORT)
Symbol
Parameter
TestConditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC – 0.2
—
V
VCC = 2.3V
IOH = – 6mA
2
—
VCC = 2.3V
IOH = – 12mA
1.7
—
VCC = 2.7V
2.2
—
VCC = 3V
2.4
—
VCC = 3V
IOH = – 24mA
2
—
VOL
OutputLOWVoltage
VCC = 2.3V to 3.6V
IOL = 0.1mA
—
0.2
V
VCC = 2.3V
IOL = 6mA
—
0.4
IOL = 12mA
—
0.7
VCC = 2.7V
IOL = 12mA
—
0.4
VCC = 3V
IOL = 24mA
—
0.55
SWITCHING CHARACTERISTICS (B PORT)(1)
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
1.5
4.7
1
4
ns
tPHL
xAx to xBx
tPZH
OutputEnableTime
1.5
6.7
1.5
5.5
ns
tPZL
xOE to xBx
tPHZ
OutputDisableTime
1.5
7.1
1.5
6.6
ns
tPLZ
xOE to xBx
tSK(o)
OutputSkew(2)
——
—
500
ps
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.
SWITCHING CHARACTERISTICS (A PORT)(1)
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
1.5
5.7
1.5
4.8
ns
tPHL
xBx to xAx
tPZH
OutputEnableTime
1.5
7.9
1.5
6.3
ns
tPZL
xOE to xAx
tPHZ
OutputDisableTime
1.5
8.3
2.2
7.4
ns
tPLZ
xOE to xAx
tSK(o)
OutputSkew(2)
——
—
500
ps
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com