Electronic Components Datasheet Search
  English  ▼

X  

74LVC162245APVG Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 74LVC162245APVG
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74LVC162245APVG Datasheet(HTML) 1 Page - Renesas Technology Corp

  74LVC162245APVG Datasheet HTML 1Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 2Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 3Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 4Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 5Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 6Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVC162245A
3.3V CMOS 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
1
AUGUST 2015
INDUSTRIAL TEMPERATURE RANGE
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
© 2015 Integrated Device Technology, Inc.
DSC-4483/5
FEATURES:
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4
μμμμμ W typ. static)
• All inputs, outputs, and I/O are 5V tolerant
• Available in SSOP and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
IDT74LVC162245A
APPLICATIONS:
• 5V and 3.3V mixed voltage systems
• Data communication and telecommunication systems
DRIVE FEATURES:
• Balanced Output Drivers: ±12mA (A port)
• High Output Drivers: ±24mA (B port)
DESCRIPTION:
This 16-bit transceiver is built using advanced dual metal CMOS
technology. The LVC162245A is designed for asynchronous communica-
tion between data buses. The control-function implementation minimizes
external timing requirements. This device can be used as two 8-bit
transceivers or one 16-bit transceiver. It allows data transmission from the
A bus to the B bus or from the B bus to the A bus, depending on the logic
level at the direction-control (DIR) input. The output-enable (OE) input can
be used to disable the device so that the buses are effectively isolated. To
ensure the high-impedance state during power up or power down, OE
should be tied to VCC through a pullup resistor; the minimum value of the
resistor is determined by the current-sinking capability of the driver.
All pins can be driven from either 3.3V or 5V devices. This feature allows
the use of this device as a translator in a mixed 3.3V/5V supply system.
The LVC162245A has series resistors in the device output structure of
the “A” port which will significantly reduce line noise when used with light
loads. The driver has been designed to drive ±12mA at the designated
threshold levels. The “B” port has a ±24mA driver.
3.3V CMOS 16-BIT
BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
AND 5 VOLT TOLERANT I/O
1
DIR
1
A1
1
A2
1
A3
1
A4
1
A5
1
A6
1
A7
1
A8
1
B8
1
B7
1
B6
1
B5
1
B4
1
B3
1
B2
1
B1
1
OE
2
DIR
2
A1
2
A2
2
A3
2
A4
2
A5
2
A6
2
A7
2
A8
2
B8
2
B7
2
B6
2
B5
2
B4
2
B3
2
B2
2
B1
2
OE
1
47
46
44
43
41
40
38
37
48
2
3
5
6
8
9
11
12
24
36
35
33
32
30
29
27
26
25
13
14
16
17
19
20
22
23


Similar Part No. - 74LVC162245APVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74LVC162245APVG IDT-74LVC162245APVG Datasheet
122Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER
74LVC162245APVG8 IDT-74LVC162245APVG8 Datasheet
122Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER
More results

Similar Description - 74LVC162245APVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC16245A IDT-IDT74LVC16245A Datasheet
90Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVCH16245A IDT-IDT74LVCH16245A Datasheet
91Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
IDT74LVC162245A IDT-IDT74LVC162245A Datasheet
92Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCR162245A IDT-IDT74LVCR162245A Datasheet
95Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC16245APAG IDT-IDT74LVC16245APAG Datasheet
99Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS,5 VOLT TOLERANT I/O
IDT74LVC162245A IDT-IDT74LVC162245A_08 Datasheet
1Mb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCH16245A IDT-IDT74LVCH16245A_08 Datasheet
825Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
logo
Renesas Technology Corp
IDT74LVC16245A RENESAS-IDT74LVC16245A Datasheet
324Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
JULY 2015
IDT74LVCH16245A RENESAS-IDT74LVCH16245A Datasheet
471Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
OCTOBER 2015
IDT74LVCR162245A RENESAS-IDT74LVCR162245A Datasheet
275Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
JULY 2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com