Electronic Components Datasheet Search
  English  ▼

X  

74LVC162245APVG Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 74LVC162245APVG
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74LVC162245APVG Datasheet(HTML) 2 Page - Renesas Technology Corp

  74LVC162245APVG Datasheet HTML 1Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 2Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 3Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 4Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 5Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 6Page - Renesas Technology Corp 74LVC162245APVG Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74LVC162245A
3.3V CMOS 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SSOP / TSSOP
TOP VIEW
PIN CONFIGURATION
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Inputs
xOE
xDIR
Outputs
L
L
B Data to A Bus
L
H
A Data to B Bus
H
X
Isolation
FUNCTION TABLE (EACH8-BITSECTION)(1)
Pin Names
Description
xOE
Output Enable Input (Active LOW)
xDIR
Direction Control Output
xAx
Side A Inputs or 3-State Outputs
xBx
Side B Inputs or 3-State Outputs
PIN DESCRIPTION
NOTE:
1. As applicable to the device type.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6
pF
COUT
Output Capacitance
VOUT = 0V
6.5
8
pF
CI/O
I/O Port Capacitance
VIN = 0V
6.5
8
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +6.5
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to +6.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–50 to +50
mA
IIK
Continuous Clamp Current,
–50
mA
IOK
VI < 0 or VO < 0
ICC
Continuous Current through each
±100
mA
ISS
VCC or GND
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC.
1
DIR
1
B1
GND
VCC
GND
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
40
41
42
43
44
45
46
47
48
1
1
B2
1
B3
1
B4
1
B5
1
B6
1
B7
1
B8
2
B1
2
B2
GND
2
B3
2
B4
2
B6
2
B5
VCC
GND
2
B8
2
B7
2
DIR
1
OE
1
A1
GND
VCC
GND
1
A2
1
A3
1
A4
1
A5
1
A6
1
A7
1
A8
2
A1
2
A2
GND
2
A3
2
A4
2
A6
2
A5
VCC
GND
2
A8
2
A7
2
OE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com