Electronic Components Datasheet Search
  English  ▼

X  

NVT2002TL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NVT2002TL
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NVT2002TL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NVT2002TL Datasheet HTML 3Page - NXP Semiconductors NVT2002TL Datasheet HTML 4Page - NXP Semiconductors NVT2002TL Datasheet HTML 5Page - NXP Semiconductors NVT2002TL Datasheet HTML 6Page - NXP Semiconductors NVT2002TL Datasheet HTML 7Page - NXP Semiconductors NVT2002TL Datasheet HTML 8Page - NXP Semiconductors NVT2002TL Datasheet HTML 9Page - NXP Semiconductors NVT2002TL Datasheet HTML 10Page - NXP Semiconductors NVT2002TL Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
NXP Semiconductors
NVT2001; NVT2002
Bidirectional voltage level translator for open-drain and push-pull applications
7.2 Bidirectional translation
For the bidirectional clamping configuration (higher voltage to lower voltage or lower voltage to higher voltage),
the EN input must be connected to VREFB and both pins pulled to HIGH side Vpu(D) through a pull-up resistor
(typically 200 kΩ). This allows VREFB to regulate the EN input. A filter capacitor on VREFB is recommended.
The master output driver can be totem pole or open-drain (pull-up resistors may be required) and the slave
device output can be totem pole or open-drain (pull-up resistors are required to pull the Bn outputs to Vpu(D)).
However, if either output is totem-pole, data must be unidirectional or the outputs must be 3-stateable and be
controlled by some direction-control mechanism to prevent HIGH-to-LOW contentions in either direction. If both
outputs are open-drain, no direction control is needed.
The reference supply voltage (Vref(A)) is connected to the processor core power supply voltage. When VREFB
is connected through a 200 kΩ resistor to a 3.3 V to 5.5 V Vpu(D) power supply, and Vref(A) is set between 1.0 V
and (Vpu(D) - 1 V), the output of each An has a maximum output voltage equal to VREFA, and the output of each
Bn has a maximum output voltage equal to Vpu(D).
7.3 How to size pull-up resistor value
Sizing the pull-up resistor on an open-drain bus is specific to the individual application and is dependent on the
following driver characteristics:
• The driver sink current
• The VOL of driver
• The VIL of the driver
• Frequency of operation
The following tables can be used to estimate the pull-up resistor value in different use cases so that the
minimum resistance for the pull-up resistor can be found.
Table 6, Table 7 and Table 8 contain suggested minimum values of pull-up resistors for the PCA9306 and
NVT20xx devices with typical voltage translation levels and drive currents. The calculated values assume that
both drive currents are the same. VOL = VIL = 0.1 × VCC and accounts for a ±5 % VCC tolerance of the supplies,
±1 % resistor values. It should be noted that the resistor chosen in the final application should be equal to or
larger than the values shown in Table 6, Table 7 and Table 8 to ensure that the pass voltage is less than 10 %
of the VCC voltage, and the external driver should be able to sink the total current from both pull-up resistors.
When selecting the minimum resistor value in Table 6, Table 7 or Table 8, the drive current strength that should
be chosen should be the lowest drive current seen in the application and account for any drive strength current
scaling with output voltage. For the GTL devices, the resistance table should be recalculated to account for the
difference in ON resistance and bias voltage limitations between VCC(B) and VCC(A).
B-side
A-side
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
1.0 V
Rpu(A) = 750 Ω
Rpu(B) = 750 Ω
Rpu(A) = 845 Ω
Rpu(B) = 845 Ω
Rpu(A) = 976 Ω
Rpu(B) = 976 Ω
Rpu(A) = none
Rpu(B) = 887 Ω
Rpu(A) = none
Rpu(B) = 1.18 kΩ
Rpu(A) = none
Rpu(B) = 1.82 kΩ
1.2 V
Rpu(A) = 931 Ω
Rpu(B) = 931 Ω
Rpu(A) = 1.02 kΩ
Rpu(B) = 1.02 kΩ
Rpu(A) = none
Rpu(B) = 887 Ω
Rpu(A) = none
Rpu(B) = 1.18 kΩ
Rpu(A) = none
Rpu(B) = 1.82 kΩ
1.5 V
Rpu(A) = 1.1 kΩ
Rpu(B) = 1.1 kΩ
Rpu(A) = none
Rpu(B) = 866 Ω
Rpu(A) = none
Rpu(B) = 1.18 kΩ
Rpu(A) = none
Rpu(B) = 1.78 kΩ
1.8 V
Rpu(A) = 1.47 kΩ
Rpu(B) = 1.47 kΩ
Rpu(A) = none
Rpu(B) = 1.15 kΩ
Rpu(A) = none
Rpu(B) = 1.78 kΩ
2.5 V
Rpu(A) = 1.96 kΩ
Rpu(A) = none
Table 6. Pull-up resistor minimum values, 3 mA driver sink current for PCA9306 and NVT20xx
NVT2001_NVT2002
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.4 — 22 May 2023
7 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com