Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100Z Datasheet(PDF) 23 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 19Page - NXP Semiconductors MMPF0100Z Datasheet HTML 20Page - NXP Semiconductors MMPF0100Z Datasheet HTML 21Page - NXP Semiconductors MMPF0100Z Datasheet HTML 22Page - NXP Semiconductors MMPF0100Z Datasheet HTML 23Page - NXP Semiconductors MMPF0100Z Datasheet HTML 24Page - NXP Semiconductors MMPF0100Z Datasheet HTML 25Page - NXP Semiconductors MMPF0100Z Datasheet HTML 26Page - NXP Semiconductors MMPF0100Z Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 128 page
background image
NXP Semiconductors
23
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.2
16 MHz and 32 kHz clocks
There are two clocks: a trimmed 16 MHz, RC oscillator and an untrimmed 32 kHz, RC oscillator. The 16 MHz oscillator is specified within
-8.0%/+8.0%. The 32 kHz untrimmed clock is only used in the following conditions:
• VIN < UVDET
• All regulators are in sleep mode
• All regulators are in PFM switching mode
A 32 kHz clock, derived from the 16 MHz trimmed clock, is used when accurate timing is needed under the following conditions:
• During start-up, VIN > UVDET
• PWRON_CFG = 1, for power button debounce timing
In addition, when the 16 MHz is active in the on mode, the debounce times in Table 26 are referenced to the 32 kHz derived from the
16 MHz clock. The exceptions are the LOWVINI and PWRONI interrupts, which are referenced to the 32 kHz untrimmed clock.
6.2.1
Clock adjustment
The 16 MHz clock and hence the switching frequency of the regulators, can be adjusted to improve the noise integrity of the system. By
changing the factory trim values of the 16 MHz clock, the user may add an offset as small as
3% of the nominal frequency. Contact your
NXP representative for detailed information on this feature.
6.3
Bias and references block description
6.3.1
Internal core voltage references
All regulators use the main bandgap as the reference. The main bandgap is bypassed with a capacitor at VCOREREF. The bandgap and
the rest of the core circuitry are supplied from VCORE. The performance of the regulators is directly dependent on the performance of the
bandgap. No external DC loading is allowed on VCORE, VCOREDIG, or VCOREREF. VCOREDIG is kept powered as long as there is a
valid supply and/or valid coin cell. Table 17 shows the main characteristics of the core circuitry.
Table 16. 16 MHz clock specifications
PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN = 2.8 V to 4.5 V, LICELL = 1.8 V to 3.3 V and typical external
component values. Typical values are characterized at VIN = 3.6 V, LICELL = 3.0 V, and 25 °C, unless otherwise noted.
Symbol
Parameters
Min.
Typ.
Max.
Units
Notes
VIN16MHz
Operating voltage From VIN
2.8
–
4.5
V
f16MHZ
16 MHz clock frequency
14.7
16
17.2
MHz
f2MHZ
2.0 MHz clock frequency
1.84
–
2.15
MHz
(27)
Notes
27.
The 2.0 MHz clock is derived from the 16 MHz clock.
Table 17. Core voltages electrical specifications(29)
PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN = 2.8 V to 4.5 V, LICELL = 1.8 V to 3.3 V, and typical external
component values. Typical values are characterized at VIN = 3.6 V, LICELL = 3.0 V, and 25 °C, unless otherwise noted.
Symbol
Parameters
Min.
Typ.
Max.
Units
Notes
VCOREDIG (digital core supply)
VCOREDIG
Output voltage
On mode (28)
Coin cell mode and off
–
–
1.5
1.3
–
–
V
VCORE (analog core supply)
VCORE
Output voltage
On mode and charging (28)
Off and Coin cell mode
–
–
2.775
0.0
–
–
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com