Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100Z Datasheet(PDF) 81 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 77Page - NXP Semiconductors MMPF0100Z Datasheet HTML 78Page - NXP Semiconductors MMPF0100Z Datasheet HTML 79Page - NXP Semiconductors MMPF0100Z Datasheet HTML 80Page - NXP Semiconductors MMPF0100Z Datasheet HTML 81Page - NXP Semiconductors MMPF0100Z Datasheet HTML 82Page - NXP Semiconductors MMPF0100Z Datasheet HTML 83Page - NXP Semiconductors MMPF0100Z Datasheet HTML 84Page - NXP Semiconductors MMPF0100Z Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 128 page
background image
NXP Semiconductors
81
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
VGEN1LOR
Load regulation
(VGEN1 at IGEN1 = 100 mA) - (VGEN1 at IGEN1 = 0.0 mA)
For any 1.75 V < VIN1 < 3.4 V
–0.15–
mV/mA
VGEN1LIR
Line regulation
(VGEN1 at VIN1 = 3.4 V) - (VGEN1 at VIN1 = 1.75 V)
For any 0.0 mA < IGEN1 < 100 mA
–0.30–
mV/mA
IGEN1LIM
Current limit
IGEN1 when VGEN1 is forced to VGEN1NOM/2
122
167
200
mA
IGEN1OCP
Overcurrent protection threshold
IGEN1 required to cause the SCP function to disable LDO when
REGSCPEN = 1
115
–
200
mA
IGEN1Q
Quiescent current
No load, Change in IVIN and IVIN1
When VGEN1 enabled
–14
–
A
VGEN1 AC and transient
PSRRVGEN1
PSRR
•IGEN1 = 75 mA, 20 Hz to 20 kHz
VGEN1[3:0] = 0000 - 1101
VGEN1[3:0] = 1110, 1111
50
37
60
45
–
–
dB
(63)
NOISEVGEN1
Output noise density
VIN1 = 1.75 V, IGEN1 = 75 mA
100 Hz – <1.0 kHz
1.0 kHz – <10 kHz
10 kHz – 1.0 MHz
–
–
–
-108
-118
-124
-100
-108
-112
dBV/
Hz
SLWRVGEN1
Turn-on slew rate
• 10% to 90% of end value
•1.75 V
VIN1  3.4 V, IGEN1 = 0.0 mA
VGEN1[3:0] = 0000 to 0111
VGEN1[3:0] = 1000 to 1111
–
–
–
–
12.5
16.5
mV
s
GEN1tON
Turn-on time
Enable to 90% of end value, VIN1 = 1.75 V, 3.4 V
IGEN1 = 0.0 mA
60
–
500
s
GEN1tOFF
Turn-off time
Disable to 10% of initial value, VIN1 = 1.75 V
IGEN1 = 0.0 mA
––
10
ms
GEN1OSHT
Start-up overshoot
VIN1 = 1.75 V, 3.4 V, IGEN1 = 0.0 mA
–1.0
2.0
%
VGEN1LOTR
Transient load response
•VIN1 = 1.75 V, 3.4 V
IGEN1 = 10 mA to 100 mA in 1.0 s. Peak of overshoot or
undershoot of VGEN1 with respect to final value
• Refer to Figure 25
––
3.0
%
Table 101. VGEN1 electrical characteristics (continued)
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN =3.6 V, VIN1 =3.0 V,
VGEN1[3:0] = 1111, IGEN1 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at
VIN = 3.6 V, IN1 = 3.0 V, VGEN1[3:0] = 1111, IGEN1 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com