Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100Z Datasheet(PDF) 71 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 67Page - NXP Semiconductors MMPF0100Z Datasheet HTML 68Page - NXP Semiconductors MMPF0100Z Datasheet HTML 69Page - NXP Semiconductors MMPF0100Z Datasheet HTML 70Page - NXP Semiconductors MMPF0100Z Datasheet HTML 71Page - NXP Semiconductors MMPF0100Z Datasheet HTML 72Page - NXP Semiconductors MMPF0100Z Datasheet HTML 73Page - NXP Semiconductors MMPF0100Z Datasheet HTML 74Page - NXP Semiconductors MMPF0100Z Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 128 page
background image
NXP Semiconductors
71
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Switch mode supply SW4 (continued)
ISW4
Rated output load current
2.8 V < VIN < 4.5 V, 0.625 V < VSW4 < 3.3 V
–
–
1000
mA
(57)
ISW4LIM
Current limiter peak current detection
Current through inductor
SW4ILIM = 0
SW4ILIM = 1
1.4
1.0
2.0
1.5
3.0
2.4
A
VSW4OSH
Start-up overshoot
ISW4 =0.0 mA
DVS clk = 25 mV/4
s, VIN = VINSW4 = 4.5 V
––
66
mV
tONSW4
Turn-on time
Enable to 90% of end value
ISW4 = 0.0 mA
DVS clk = 25 mV/4
s, VIN = VINSW4 = 4.5 V
–
–
500
µs
fSW4
Switching frequency
SW4FREQ[1:0] = 00
SW4FREQ[1:0] = 01
SW4FREQ[1:0] = 10
–
–
–
1.0
2.0
4.0
–
–
–
MHz
SW4
Efficiency
•fSW4 = 2.0 MHz, LSW4 = 1.0 H
PFM, 1.8 V, 1.0 mA
PFM, 1.8 V, 50 mA
APS, PWM 1.8 V, 200 mA
APS, PWM 1.8 V, 500 mA
APS, PWM 1.8 V, 1000 mA
PWM 0.75 V, 200 mA
PWM 0.75 V, 500 mA
PWM 0.75 V, 1000 mA
–
–
–
–
–
–
–
–
81
78
87
88
84
78
76
66
–
–
–
–
–
–
–
–
%
VSW4
Output ripple
–
10
–
mV
VSW4LIR
Line regulation (APS, PWM)
–
–
20
mV
VSW4LOR
DC load regulation (APS, PWM)
–
–
20
mV
VSW4LOTR
Transient load regulation
• Transient load = 0.0 mA to 500 mA, di/dt = 100 mA/
s
Overshoot
Undershoot
–
–
–
–
50
50
mV
ISW4Q
Quiescent current
PFM mode
APS mode
–
–
22
145
–
–
µA
RONSW4P
SW4 P-MOSFET RDS(on)
at VIN = VINSW4 = 3.3 V
–
236
274
m
RONSW4N
SW4 N-MOSFET RDS(on)
at VIN = VINSW4 = 3.3 V
–
293
378
m
ISW4PQ
SW4 P-MOSFET leakage current
VIN = VINSW4 = 4.5 V
––
6.0
µA
ISW4NQ
SW4 N-MOSFET leakage current
VIN = VINSW4 = 4.5 V
––
2.0
µA
Table 86. SW4 electrical characteristics (continued)
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN =VINSW4 =3.6 V, VSW4 =1.8 V,
ISW4 = 100 mA, SW4_PWRSTG[2:0] = [101], typical external component values, fSW4 = 2.0 MHz, single/dual phase and independent
mode, unless otherwise noted. Typical values are characterized at VIN = VINSW4 = 3.6 V, VSW4 = 1.8 V, ISW4 = 100 mA,
SW4_PWRSTG[2:0] = [101], and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com