Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100Z Datasheet(PDF) 91 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 87Page - NXP Semiconductors MMPF0100Z Datasheet HTML 88Page - NXP Semiconductors MMPF0100Z Datasheet HTML 89Page - NXP Semiconductors MMPF0100Z Datasheet HTML 90Page - NXP Semiconductors MMPF0100Z Datasheet HTML 91Page - NXP Semiconductors MMPF0100Z Datasheet HTML 92Page - NXP Semiconductors MMPF0100Z Datasheet HTML 93Page - NXP Semiconductors MMPF0100Z Datasheet HTML 94Page - NXP Semiconductors MMPF0100Z Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 128 page
background image
NXP Semiconductors
91
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Figure 26. VSNVS supply switch architecture
Table 107 provides a summary of the VSNVS operation at a different VIN input voltage and with or without coin cell connected to the
system.
6.4.7.0.1
VSNVS control
The VSNVS output level is configured through the VSNVSVOLT[2:0]bits on VSNVSCTL register as shown in table Table 108.
6.4.7.0.2
VSNVS external components
Table 107. VSNVS modes of operation
VSNVSVOLT[2:0]
VIN
Mode
110
> VTH1
VIN LDO 3.0 V
110
< VTL1
Coin cell switch
000 – 101
> VTH0
VIN LDO
000 – 101
< VTL0
Coin cell LDO
Table 108. Register VSNVSCTL - ADDR 0x6B
Name
Bit #
R/W
Default
Description
VSNVSVOLT
2:0
R/W
0x80
Configures VSNVS output voltage.(73)
000 = 1.0 V
001 = 1.1 V
010 = 1.2 V
011 = 1.3 V
100 = 1.5 V
101 = 1.8 V
110 = 3.0 V
111 = RSVD
UNUSED
7:3
–
0x00
unused
Notes
73.
Only valid when a valid input voltage is present.
Table 109. VSNVS external components
Capacitor
Value (
F)
VSNVS
0.47
LDO\
PF0100Z
VSNVS
Coin Cell
1.8 - 3.3 V
VIN
2.25 V (VTL0) -
4.5 V
LICELL
Charger
LDO/SWITCH
VREF
+
_
Z
Input
Sense/
Selector
I
2C Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com