Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100Z Datasheet(PDF) 114 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 110Page - NXP Semiconductors MMPF0100Z Datasheet HTML 111Page - NXP Semiconductors MMPF0100Z Datasheet HTML 112Page - NXP Semiconductors MMPF0100Z Datasheet HTML 113Page - NXP Semiconductors MMPF0100Z Datasheet HTML 114Page - NXP Semiconductors MMPF0100Z Datasheet HTML 115Page - NXP Semiconductors MMPF0100Z Datasheet HTML 116Page - NXP Semiconductors MMPF0100Z Datasheet HTML 117Page - NXP Semiconductors MMPF0100Z Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 128 page
background image
114
NXP Semiconductors
PF0100Z
TYPICAL APPLICATIONS
7.1.2
Bill of materials
The following table provides a complete list of the recommended components on a full featured system using the PF0100Z Device. Critical
components such as inductors, transistors, and diodes are provided with a recommended part number, but equivalent components may
be used.
Table 138. Bill of materials (82)
Value
Qty
Description
Part#
Manufacturer
Component/pin
PMIC
1
Power management IC
MMPF0100Z
NXP
Buck, SW1AB - (0.300-1.875 V), 2.5 A
1.0
H1
4 x 4 x 2.1
ISAT = 4.5 A for 10% drop, DCRMAX = 11.9 m
XFL4020-102MEB
Coilcraft
Output inductor
1.0
H–
5 x 5 x 1.5
ISAT = 3.6 A for 10% drop, DCRMAX =50m
LPS5015_102ML
Coilcraft
Output inductor
optional
1.0
H–
2.5 x 2.0 x 1.2
ISAT = 4.5 A
DCRMAX = 42 m
DFE252012PD-1R0M
TOKO
Output inductor
(optional)
22
F
4
10 V X5R 0805
LMK212BJ226MG-T
Taiyo Yuden
Output capacitance
4.7
F
2
10 V X5R 0603
LMK107BJ475KA-T
Taiyo Yuden
SW1AIN, SW1BIN
0.1
F
1
10 V X5R 0402
C0402C104K8PAC
Kemet
Input capacitance
Buck, SW1C- (0.300-1.875 V), 2.0 A
1.0
H1
4 x 4 x 1.2
ISAT = 2.8 A for 10% drop, DCRMAX =60m
LPS4012-102NL
Coilcraft
Output inductor
1.0
H–
3 x 3 x1.2
ISAT = 2.5 A for 10% drop, DCRMAX =42m
XFL3012-102ML
Coilcraft
Output inductor
optional
1.0
H–
2.5 x 2.0 x 1.2
ISAT = 4.5 A
DCRMAX = 42 m
DFE252012PD-1R0M
TOKO
Output inductor
(optional)
22
F
2
10 V X5R 0805
LMK212BJ226MG-T
Taiyo Yuden
Output capacitance
4.7
F
1
10 V X5R 0603
LMK107BJ475KA-T
Taiyo Yuden
Input capacitance
0.1
F
1
10 V X5R 0402
C0402C104K8PAC
Kemet
Input capacitance
Buck, SW1ABC - (0.300-1.875 V), 4.5 A
1.0
H1
4.2 x 4.2 x 2
ISAT = 5.1 A for 10% drop, DCRMAX =29m
FDSD0420D-1R0M
TOKO Inc.
Output inductor
22
F
6
10 V X5R 0805
LMK212BJ226MG-T
Taiyo Yuden
Output capacitance
4.7
F
2
10 V X5R 0603
LMK107BJ475KA-T
Taiyo Yuden
Input capacitance
0.1
F
1
10 V X5R 0402
C0402C104K8PAC
Kemet
Input capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com