Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100Z Datasheet(PDF) 127 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 127 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 120Page - NXP Semiconductors MMPF0100Z Datasheet HTML 121Page - NXP Semiconductors MMPF0100Z Datasheet HTML 122Page - NXP Semiconductors MMPF0100Z Datasheet HTML 123Page - NXP Semiconductors MMPF0100Z Datasheet HTML 124Page - NXP Semiconductors MMPF0100Z Datasheet HTML 125Page - NXP Semiconductors MMPF0100Z Datasheet HTML 126Page - NXP Semiconductors MMPF0100Z Datasheet HTML 127Page - NXP Semiconductors MMPF0100Z Datasheet HTML 128Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 127 / 128 page
background image
NXP Semiconductors
127
PF0100Z
REVISION HISTORY
4.0
4/2014
• Added new package name and drawing for PF0100AZ
• Added Table 2 listing differences between PF0100Z and PF0100AZ
• Corrected VDDOTP maximum rating
• Corrected SWBSTFB maximum rating
• Updated Table 8 to included PF0100AZ specifications
• Updated Figure 4
• Added note of FUSE_POR-XOR bit for PF0100AZ in OTP prototyping
• Corrected 2.0 MHz clock minimum specification from 1.85 MHz to 1.84 MHz in 16 MHz and 32 kHz
clocks
• Corrected inductor Isat for SW1ABC single phase mode from 4.5 A to 6.0 A
• Tightened accuracy specification in PFM mode for all the switching regulators
• Corrected typical efficiency specifications for all switching regulators
• Added note to clarify SWBST default operation in Auto mode
• Added current limit specifications for VGEN2, VGEN6, and VSNVS for PF0100AZ
• Corrected conditions for VSNVS turn-on time specifications
• Changed VTH1 maximum specification from 3.05 V to 3.1 V
• Updated Control interface I2C block description to include note about SCL/SDA drive strength
• Corrected default values of bits in INTMASK0 register in Table 118
• Corrected default value of 4 MSBs in Table 128
• Corrected default value of bits in SILICONREVID register in Table 126
• Updated Typical Application Schematic to add bypass capacitor on VDDIO pin
• Added capacitor at VDDIO pin in Bill of Material table
• Noted that voltage settings 0.6 V and below are not supported
• VSNVS Turn On Delay (td1) spec corrected from 15 ms to 5.0 ms
• Updated per GPCN 16220
5.0
10/2014
• Updated as per PB 16482
• Increased ambient operating temperature of MMPF0100NPAZES device
• Added additional specification line items for Standby current, Sleep current, and VREFDDR accuracy
for the extended temperature operation
• Added new part number MMPF0100F8AZES
• Updated Table 9
6.0
11/2014
• Corrected the temperature range for the device MMPF0100F8AZES in Table 1
• Updated Table 23
• Updated Bill of Materials Table 138
7.0
7/2015
• Added new part numbers MMPF0100F9AZES and MMPF0100FAAZES to Table 1
• Updated Table 9
8.0
10/2015
• Added MMPF0100F0AZES
to Table 1
• Updated Table 9
• Updated Table 52
• Updated Table 137
10/2015
• Fixed typo on page 1
9.0
12/2015
• Removed MMPF0100NPZES from Orderable part variations. No longer manufactured.
• Added MMPF0100F6AZES to Orderable part variations
• Updated Table 9 for MMPF0100F6AZES
10.0
3/2016
• Updated SW2 current capability from 2000 mA to 2500 mA for F9/FA versions
11.0
5/2016
• Changed Table 9 row - Default I2C Address from 0x80 to 0x08 for F0, F9, and FA
12.0
8/2016
• Added NP version to OTP's with SW2 current capability of 2500 mA
• Added BOM for SW1ABC
13.0
5/2023
• Changed “Data sheet: Advance information” to “Data sheet: Technical data” on page 1.
• Removed “This document contains certain information on a new product. Specifications and
information herein are subject to change without notice.” from page 1.
• Updated Description of
VESD in Table 4.
• Human body model Value updated to “±2000”
• Charged device model Description and Value expanded to include “Corner pins” and “All other pins”
and “±750” and “±500”, respectively.
• Updated Packaging images to most current revisions.
• Updated © 2016 NXP B.V. to © 2023 NXP B.V. where applicable throughout document.
• Updated per CIN 202305019I.
Revision
Date
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com