Electronic Components Datasheet Search
  English  ▼

X  

NVT2002TLH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # NVT2002TLH
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NVT2002TLH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button NVT2002TLH Datasheet HTML 5Page - NXP Semiconductors NVT2002TLH Datasheet HTML 6Page - NXP Semiconductors NVT2002TLH Datasheet HTML 7Page - NXP Semiconductors NVT2002TLH Datasheet HTML 8Page - NXP Semiconductors NVT2002TLH Datasheet HTML 9Page - NXP Semiconductors NVT2002TLH Datasheet HTML 10Page - NXP Semiconductors NVT2002TLH Datasheet HTML 11Page - NXP Semiconductors NVT2002TLH Datasheet HTML 12Page - NXP Semiconductors NVT2002TLH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
NXP Semiconductors
NVT2001; NVT2002
Bidirectional voltage level translator for open-drain and push-pull applications
7.4 How to design for maximum frequency operation
The maximum frequency is limited by the minimum pulse width LOW and HIGH as well as rise time and fall
time. See Equation 1 as an example of the maximum frequency. The rise and fall times are shown in Figure 9.
(1)
002aag912
tr(actual)
tf(actual)
GND
VOL
VIL
VIH
VCC
tHIGH(min)
tLOW(min)
1 / fmax
0.9 × VCC
0.1 × VCC
Figure 9. An example waveform for maximum frequency
The rise and fall times are dependent upon translation voltages, the drive strength, the total node capacitance
(CL(tot)) and the pull-up resistors (RPU) that are present on the bus. The node capacitance is the addition of the
PCB trace capacitance and the device capacitance that exists on the bus. Because of the dependency of the
external components, PCB layout and the different device operating states the calculation of rise and fall times
is complex and has several inflection points along the curve.
The main component of the rise and fall times is the RC time constant of the bus line when the device is in its
two primary operating states: when device is in the ON state and it is low-impedance, the other is when the
device is OFF isolating the A-side from the B-side.
A description of the fall time applied to either An or Bn output going from HIGH to LOW is as follows. Whichever
side is asserted first, the B-side down must discharge to the VCC(A) voltage. The time is determined by the pull-
up resistor, pull-down driver strength and the capacitance. As the level moves below the VCC(A) voltage, the
channel resistance drops so that both A and B sides equal. The capacitance on both sides is connected to
form the total capacitance and the pull-up resistors on both sides combine to the parallel equivalent resistance.
The Ron of the device is small compared to the pull-up resistor values, so its effect on the pull-up resistance
can be neglected and the fall is determined by the driver pulling the combined capacitance and pull-up resistor
currents. An estimation of the actual fall time seen by the device is equal to the time it takes for the B-side to fall
to the VCC(A) voltage and the time it takes for both sides to fall from the VCC(A) voltage to the VIL level.
A description of the rise time applied to either An or Bn output going from LOW to HIGH is as follows. When
the signal level is LOW, the Ron is at its minimum, so the A and B sides are essentially one node. They will rise
together with an RC time constant that is the sum of all the capacitance from both sides and the parallel of the
resistance from both sides. As the signal approaches the VCC(A) voltage, the channel resistance goes up and
the waveforms separate, with the B side finishing its rise with the RC time constant of the B side. The rise to
VCC(A) is essentially the same for both sides.
There are some basic guidelines to follow that will help maximize the performance of the device:
• Keep trace length to a minimum by placing the NVT device close to the processor.
• The signal round trip time on trace should be shorter than the rise or fall time of signal to reduce reflections.
• The faster the edge of the signal, the higher the chance for ringing.
• The higher drive strength controlled by the pull-up resistor (up to 15 mA), the higher the frequency the device
can use.
The system designer must design the pull-up resistor value based on external current drive strength and
limit the node capacitance (minimize the wire, stub, connector and trace length) to get the desired operation
frequency result.
NVT2001_NVT2002
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.4 — 22 May 2023
9 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com