Electronic Components Datasheet Search
  English  ▼

X  

NVT2002 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NVT2002
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NVT2002 Datasheet(HTML) 4 Page - NXP Semiconductors

  NVT2002 Datasheet HTML 1Page - NXP Semiconductors NVT2002 Datasheet HTML 2Page - NXP Semiconductors NVT2002 Datasheet HTML 3Page - NXP Semiconductors NVT2002 Datasheet HTML 4Page - NXP Semiconductors NVT2002 Datasheet HTML 5Page - NXP Semiconductors NVT2002 Datasheet HTML 6Page - NXP Semiconductors NVT2002 Datasheet HTML 7Page - NXP Semiconductors NVT2002 Datasheet HTML 8Page - NXP Semiconductors NVT2002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
NXP Semiconductors
NVT2001; NVT2002
Bidirectional voltage level translator for open-drain and push-pull applications
NVT2002TL
Transparent top view
8
7
6
5
1
2
3
4
B1
A2
GND
EN
A1
VREFB
B2
VREFA
aaa-044737
Figure 5. Pin configuration SOT1052-2 (HXSON8)
5.2 Pin description
Pin
Symbol
NVT2001[1]
NVT2002[2]
Description
GND
1
1
ground (0 V)
VREFA
2
2
low-voltage side reference supply voltage for An
A1
3
3
A2
-
4
low-voltage side; connect to VREFA through a pull-up resistor
B1
4
6
B2
-
5
high-voltage side; connect to VREFB through a pull-up resistor
VREFB
5
7
high-voltage side reference supply voltage for Bn
EN
6
8
switch enable input; connect to VREFB and pull-up through a high
resistor
Table 3. Pin description
[1]
1-bit NVT2001 available in XSON6 package.
[2]
2-bit NVT2002 available in TSSOP8, HXSON8 and XSON8U packages.
6 Functional description
Refer to Figure 1.
6.1 Function table
H = HIGH level; L = LOW level.
Input EN[1]
Function
H
An = Bn
L
disconnect
Table 4. Function selection (example)
[1]
EN is controlled by the Vref(B) logic levels and should be at least 1 V higher than Vref(A) for best translator operation.
NVT2001_NVT2002
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.4 — 22 May 2023
4 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com