Electronic Components Datasheet Search
  English  ▼

X  

NVT2002 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NVT2002
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NVT2002 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button NVT2002 Datasheet HTML 4Page - NXP Semiconductors NVT2002 Datasheet HTML 5Page - NXP Semiconductors NVT2002 Datasheet HTML 6Page - NXP Semiconductors NVT2002 Datasheet HTML 7Page - NXP Semiconductors NVT2002 Datasheet HTML 8Page - NXP Semiconductors NVT2002 Datasheet HTML 9Page - NXP Semiconductors NVT2002 Datasheet HTML 10Page - NXP Semiconductors NVT2002 Datasheet HTML 11Page - NXP Semiconductors NVT2002 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
NXP Semiconductors
NVT2001; NVT2002
Bidirectional voltage level translator for open-drain and push-pull applications
B-side
A-side
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
Rpu(B) = 1.96 kΩ Rpu(B) = 1.78 kΩ
3.3 V
Rpu(A) = none
Rpu(B) = 1.74 kΩ
Table 6. Pull-up resistor minimum values, 3 mA driver sink current for PCA9306 and NVT20xx...continued
B-side
A-side
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
1.0 V
Rpu(A) = 221 Ω
Rpu(B) = 221 Ω
Rpu(A) = 255 Ω
Rpu(B) = 255 Ω
Rpu(A) = 287 Ω
Rpu(B) = 287 Ω
Rpu(A) = none
Rpu(B) = 267 Ω
Rpu(A) = none
Rpu(B) = 357 Ω
Rpu(A) = none
Rpu(B) = 549 Ω
1.2 V
Rpu(A) = 274 Ω
Rpu(B) = 274 Ω
Rpu(A) = 309 Ω
Rpu(B) = 309 Ω
Rpu(A) = none
Rpu(B) = 267 Ω
Rpu(A) = none
Rpu(B) = 357 Ω
Rpu(A) = none
Rpu(B) = 549 Ω
1.5 V
Rpu(A) = 332 Ω
Rpu(B) = 332 Ω
Rpu(A) = none
Rpu(B) = 261 Ω
Rpu(A) = none
Rpu(B) = 348 Ω
Rpu(A) = none
Rpu(B) = 536 Ω
1.8 V
Rpu(A) = 442 Ω
Rpu(B) = 442 Ω
Rpu(A) = none
Rpu(B) = 348 Ω
Rpu(A) = none
Rpu(B) = 536 Ω
2.5 V
Rpu(A) = 590 Ω
Rpu(B) = 590 Ω
Rpu(A) = none
Rpu(B) = 523 Ω
3.3 V
Rpu(A) = none
Rpu(B) = 523 Ω
Table 7. Pull-up resistor minimum values, 10 mA driver sink current for PCA9306 and NVT20xx
B-side
A-side
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
1.0 V
Rpu(A) = 147 Ω
Rpu(B) = 147 Ω
Rpu(A) = 169 Ω
Rpu(B) = 169 Ω
Rpu(A) = 191 Ω
Rpu(B) = 191 Ω
Rpu(A) = none
Rpu(B) = 178 Ω
Rpu(A) = none
Rpu(B) = 237 Ω
Rpu(A) = none
Rpu(B) = 365 Ω
1.2 V
Rpu(A) = 182 Ω
Rpu(B) = 182 Ω
Rpu(A) = 205 Ω
Rpu(B) = 205 Ω
Rpu(A) = none
Rpu(B) = 178 Ω
Rpu(A) = none
Rpu(B) = 237 Ω
Rpu(A) = none
Rpu(B) = 365 Ω
1.5 V
Rpu(A) = 221 Ω
Rpu(B) = 221 Ω
Rpu(A) = none
Rpu(B) = 174 Ω
Rpu(A) = none
Rpu(B) = 232 Ω
Rpu(A) = none
Rpu(B) = 357 Ω
1.8 V
Rpu(A) = 294 Ω
Rpu(B) = 294 Ω
Rpu(A) = none
Rpu(B) = 232 Ω
Rpu(A) = none
Rpu(B) = 357 Ω
2.5 V
Rpu(A) = 392 Ω
Rpu(B) = 392 Ω
Rpu(A) = none
Rpu(B) = 357 Ω
3.3 V
Rpu(A) = none
Rpu(B) = 348 Ω
Table 8. Pull-up resistor minimum values, 15 mA driver sink current for PCA9306 and NVT20xx
NVT2001_NVT2002
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.4 — 22 May 2023
8 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com