Electronic Components Datasheet Search
  English  ▼

X  

NVT2002 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # NVT2002
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NVT2002 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button NVT2002 Datasheet HTML 9Page - NXP Semiconductors NVT2002 Datasheet HTML 10Page - NXP Semiconductors NVT2002 Datasheet HTML 11Page - NXP Semiconductors NVT2002 Datasheet HTML 12Page - NXP Semiconductors NVT2002 Datasheet HTML 13Page - NXP Semiconductors NVT2002 Datasheet HTML 14Page - NXP Semiconductors NVT2002 Datasheet HTML 15Page - NXP Semiconductors NVT2002 Datasheet HTML 16Page - NXP Semiconductors NVT2002 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
NXP Semiconductors
NVT2001; NVT2002
Bidirectional voltage level translator for open-drain and push-pull applications
002aaf347
DUT
EN VREFB
VREFA
1.5 V
200 kΩ
SIGNAL
GENERATOR
5.5 V
0.1 µF
1.5 V swing
50 pF
450 Ω
500 Ω
6.6 V
Figure 11. AC test setup
1 V/div
40 ns/div
002aaf348
Bn
An
GND
GND
Figure 12. Example of typical AC waveform
002aab845
VTT
RL
S1
S2 (open)
CL
from output under test
a. Load circuit
002aab846
VIH
VIL
VM
VM
input
output
VOH
VOL
VM
VM
b. Timing diagram; high-impedance scope probe used
S2 = translating down, and same voltage.
CL includes probe and jig capacitance.
All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz; Zo = 50 Ω; tr ≤ 2 ns; tf ≤ 2
ns.
The outputs are measured one at a time, with one transition per measurement.
Figure 13. Load circuit for outputs
12 Performance curves
tPLH up-translation is typically dominated by the RC time constant, i.e., CL(tot) × RPU = 50 pF × 197 Ω = 9.85 ns,
but the Ron × CL(tot) = 50 pF × 5 Ω = 0.250 ns.
tPHL is typically dominated by the external pull-down driver + Ron, which is typically small compared to the tPLH in
an up-translation case.
Enable/disable times are dominated by the RC time constant on the EN pin since the transistor turn off is on the
order of ns, but the enable RC is on the order of ms.
Fall time is dominated by the external pull-down driver with only a slight Ron addition.
Rise time is dominated by the RPU × CL.
Skew time within the part is virtually non-existent, dominated by the difference in bond wire lengths, which is
typically small compared to the board-level routing differences.
Maximum data rate is dominated by the system capacitance and pull-up resistors.
NVT2001_NVT2002
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.4 — 22 May 2023
13 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com