Electronic Components Datasheet Search
  English  ▼

X  

BFR31 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BFR31
Description  N-channel field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR31 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BFR31 Datasheet HTML 2Page - NXP Semiconductors BFR31 Datasheet HTML 3Page - NXP Semiconductors BFR31 Datasheet HTML 4Page - NXP Semiconductors BFR31 Datasheet HTML 5Page - NXP Semiconductors BFR31 Datasheet HTML 6Page - NXP Semiconductors BFR31 Datasheet HTML 7Page - NXP Semiconductors BFR31 Datasheet HTML 8Page - NXP Semiconductors BFR31 Datasheet HTML 9Page - NXP Semiconductors BFR31 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1997 Dec 05
6
Philips Semiconductors
Product specification
N-channel field-effect transistors
BFR30; BFR31
Fig.7
Drain current as a function of junction
temperature; typical values.
BFR30.
VDS =10V.
handbook, halfpage
25
50
75
125
ID
(mA)
6
4
2
0
100
MDA661
Tj (°C)
VGS = 0 V
−0.5
−1.0
−1.5
−2.0
Fig.8 Drain current as a function of junction
temperature; typical values.
BFR31.
VDS =10V.
handbook, halfpage
−1
−1.2
25
50
75
125
ID
(mA)
6
4
2
0
100
MDA662
Tj (°C)
−0.2
−0.4
−0.6
−0.8
VGS =
0 V
Fig.9
Gate cut-off current as a function of junction
temperature; typical values.
VGS = −10 V; VDS =0.
handbook, halfpage
200
100
50
IGSS
(nA)
0
150
Tj (°C)
10
1
10−1
10−2
10−3
MDA656
Fig.10 Gate-source cut-off voltage as a function of
drain current; typical values.
ID = 0.5 nA; VDS = 10 V; VGS = 0; Tj =25 °C.
handbook, halfpage
010
−6
0
−2
−4
2
IDSS (mA)
VGS(off)
(V)
468
MDA663
BFR31
BFR30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com