Electronic Components Datasheet Search
  English  ▼

X  

BFR31 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFR31
Description  N-channel field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR31 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFR31 Datasheet HTML 3Page - NXP Semiconductors BFR31 Datasheet HTML 4Page - NXP Semiconductors BFR31 Datasheet HTML 5Page - NXP Semiconductors BFR31 Datasheet HTML 6Page - NXP Semiconductors BFR31 Datasheet HTML 7Page - NXP Semiconductors BFR31 Datasheet HTML 8Page - NXP Semiconductors BFR31 Datasheet HTML 9Page - NXP Semiconductors BFR31 Datasheet HTML 10Page - NXP Semiconductors BFR31 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1997 Dec 05
7
Philips Semiconductors
Product specification
N-channel field-effect transistors
BFR30; BFR31
Fig.11 Common source transfer admittance as a
function of drain current; typical values.
VDS = 10 V; f = 1 kHz; Tamb =25 °C.
handbook, halfpage
0
7.5
5
2.5
0
2
ID (mA)
46
MDA664
yfs
(mA/V)
BFR30
BFR31
Fig.12 Common source output admittance as a
function of drain current; typical values.
VDS = 10 V; f = 1 kHz; Tamb =25 °C.
handbook, halfpage
0
75
50
25
0
2
ID (mA)
46
BFR30
BFR31
MDA665
yos
(
µA/V)
Fig.13 Common source output admittance as a
function of drain-source voltage;
typical values.
f = 1 kHz; Tamb =25 °C.
(1) ID = 4 mA. (2) ID = 1 mA.
handbook, halfpage
30
(2)
BFR30
BFR31
010
20
VDS (V)
104
103
102
10
MDA666
|yos|
(
µA/V)
(1)
Fig.14 Input capacitance as a function of
gate-source voltage; typical values.
VDS = 10 V; f = 1 MHz; Tamb =25 °C.
handbook, halfpage
0
−5
5
0
1
2
3
4
−1
−2
−3
Cis
(pF)
VGS (V)
−4
MDA667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com