Electronic Components Datasheet Search
  English  ▼

X  

BFR31 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFR31
Description  N-channel field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR31 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFR31 Datasheet HTML 1Page - NXP Semiconductors BFR31 Datasheet HTML 2Page - NXP Semiconductors BFR31 Datasheet HTML 3Page - NXP Semiconductors BFR31 Datasheet HTML 4Page - NXP Semiconductors BFR31 Datasheet HTML 5Page - NXP Semiconductors BFR31 Datasheet HTML 6Page - NXP Semiconductors BFR31 Datasheet HTML 7Page - NXP Semiconductors BFR31 Datasheet HTML 8Page - NXP Semiconductors BFR31 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997 Dec 05
3
Philips Semiconductors
Product specification
N-channel field-effect transistors
BFR30; BFR31
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Mounted on a ceramic substrate of 8
× 10 × 0.7 mm.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−±25
V
VDGO
drain-gate voltage
open source
−−25
V
VGSO
gate-source voltage
open drain
−−25
V
ID
drain current
−
10
mA
IG
forward gate current (DC)
−
5mA
Ptot
total power dissipation
Tamb ≤ 40 °C; note 1; see Fig.2
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
150
°C
Fig.2 Power derating curve.
handbook, halfpage
0
Tamb (°C)
Ptot
(mW)
300
200
100
0
40
200
80
120
160
MDA245
THERMAL CHARACTERISTICS
Note
1. Mounted on a ceramic substrate of 8
× 10 × 0.7 mm.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
430
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com