Electronic Components Datasheet Search
  English  ▼

X  

ICS650-07C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS650-07C
Description  NETWORKING CLOCK SOURCE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-07C Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS650-07C Datasheet HTML 1Page - Renesas Technology Corp ICS650-07C Datasheet HTML 2Page - Renesas Technology Corp ICS650-07C Datasheet HTML 3Page - Renesas Technology Corp ICS650-07C Datasheet HTML 4Page - Renesas Technology Corp ICS650-07C Datasheet HTML 5Page - Renesas Technology Corp ICS650-07C Datasheet HTML 6Page - Renesas Technology Corp ICS650-07C Datasheet HTML 7Page - Renesas Technology Corp ICS650-07C Datasheet HTML 8Page - Renesas Technology Corp ICS650-07C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ICS650-07C
NETWORKING CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ NETWORKING CLOCK SOURCE
4
ICS650-07C
REV D 102709
For a 12.5 MHz Crystal or Clock Input, use the following tables:
A Clocks Select Table (MHz)
C Clocks Select Table (MHz)
0 = connect directly to ground
1 = connect directly to VDD
M = leave unconnected (automatically self biases to VDD/2)
B Clocks Select Table (MHz)
REFOUT = 12.5 MHz
ACS1
ACS0
CLKA1
CLKA2
00
50
OFF (low)
0
M
TEST
TEST
0
1
37.5
OFF (low)
1
0
16.6667
8.3333
1
M
TEST
TEST
1
1
33.3333
16.6667
CCS
CLKC1
CLKC2
0
62.5
62.5
M
TEST
TEST
1
37.5
37.5
BCS1
BCS0
CLKB1
CLKB2
0
0
TEST
TEST
0
M
33.3333
16.6667
01
50
25
1
0
41.66667
20.8333
1
M
TEST
TEST
1
1
66.6667
33.3333



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com