Electronic Components Datasheet Search
  English  ▼

X  

ICS650-07C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS650-07C
Description  NETWORKING CLOCK SOURCE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-07C Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS650-07C Datasheet HTML 2Page - Renesas Technology Corp ICS650-07C Datasheet HTML 3Page - Renesas Technology Corp ICS650-07C Datasheet HTML 4Page - Renesas Technology Corp ICS650-07C Datasheet HTML 5Page - Renesas Technology Corp ICS650-07C Datasheet HTML 6Page - Renesas Technology Corp ICS650-07C Datasheet HTML 7Page - Renesas Technology Corp ICS650-07C Datasheet HTML 8Page - Renesas Technology Corp ICS650-07C Datasheet HTML 9Page - Renesas Technology Corp ICS650-07C Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ICS650-07C
NETWORKING CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ NETWORKING CLOCK SOURCE
6
ICS650-07C
REV D 102709
DC Electrical Characteristics
Unless stated otherwise, VDD = 5 V
AC Electrical Characteristics
Unless stated otherwise, VDD = 5 V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
5.5
V
Supply Current
IDD
No load
60
mA
Input High Voltage
VIH
X1 pin only, Clock input
VDD/2+1
VDD/2
V
Input Low Voltage
VIL
X1 pin only, Clock input
VDD/2
VDD/2-1
V
Input High Voltage
VIH
All tri-level inputs
VDD-0.5
V
Input Low Voltage
VIL
All tri-level inputs
0.5
V
Input High Voltage
VIH
Other inputs, except
tri-level
2V
Input Low Voltage
VIL
Other inputs, except
tri-level
0.8
V
Output High Voltage
VOH
IOH = -25 mA
2.4
V
Output High Voltage
VOH
IOH = -8 mA
VDD-0.4
V
Output Low Voltage
VOL
IOL = 25 mA
0.4
V
Short Circuit Current
IOS
Each output
±100
mA
Internal Pull-up Resistor
ACS1, BCS1, OE
200
k
Ω
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
10
12.5 or 25
27
MHz
Frequency Error
All clocks
0
ppm
Output Rise Time
tOR
0.8 to 2.0 V
1.5
ns
Output Fall Time
tOF
2.0 to 0.8 V
1.5
ns
Output Clock Duty Cycle
At VDD/2
40
50
60
%
Absolute Jitter, short term
Variation from mean
150
ps



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com