Electronic Components Datasheet Search
  English  ▼

X  

ICS650-07C Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS650-07C
Description  NETWORKING CLOCK SOURCE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-07C Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS650-07C Datasheet HTML 1Page - Renesas Technology Corp ICS650-07C Datasheet HTML 2Page - Renesas Technology Corp ICS650-07C Datasheet HTML 3Page - Renesas Technology Corp ICS650-07C Datasheet HTML 4Page - Renesas Technology Corp ICS650-07C Datasheet HTML 5Page - Renesas Technology Corp ICS650-07C Datasheet HTML 6Page - Renesas Technology Corp ICS650-07C Datasheet HTML 7Page - Renesas Technology Corp ICS650-07C Datasheet HTML 8Page - Renesas Technology Corp ICS650-07C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATASHEET
NETWORKING CLOCK SOURCE
ICS650-07C
IDT™ / ICS™ NETWORKING CLOCK SOURCE
1
ICS650-07C
REV D 102709
Description
The ICS650-07C is a low cost, low jitter, high performance
clock synthesizer for networking applications. Using analog
Phase-Locked Loop (PLL) techniques, the device accepts a
12.5 MHz or 25.00 MHz clock or fundamental mode crystal
input to produce multiple output clocks for networking chips,
PCI devices, SDRAM, and ASICs. The ICS650-07C outputs
all have 0 ppm synthesis error.
See the MK74CB214, ICS551, and ICS552-01 for non-PLL
buffer devices which produce multiple low-skew copies of
these output clocks.
See the ICS570, ICS9112-16/17/18 for zero delay buffers
that can synchronize outputs and other needed clocks.
Features
• Packaged in 20-pin tiny SSOP (QSOP)
• Pb (lead) free package
• 12.5 MHz or 25.00 MHz fundamental crystal or clock
input
• Six output clocks with selectable frequencies
• SDRAM frequencies of 67, 83, 100, and 133 MHz
• Buffered crystal reference output
• Zero ppm synthesis error in all clocks
• Ideal for PMC-Sierra’s ATM switch chips
• Full CMOS output swing with 25 mA output drive
capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• 3.0 V to 5.5 V operating voltage
Block Diagram
Clock
Synthesis
and Control
Circuitry
CLKC1
CLKB1
12.5 MHz or 25.00 MHz
Crystal or Clock
CLKB2
CLKC2
OE (all outputs)
REFOUT
Clock
Buffer/
Crystal
Oscillator
X1/ICLK
X2
ACS1, 0
BCS1, 0
CCS
VDD
2
2
GND
2
2
Optional crystal capacitors are shown and
may be required for tuning of initial accuracy
CLKA1
CLKA2
/2
/2


Similar Part No. - ICS650-07C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
Networking Clock Source
Revision 101399
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
More results

Similar Description - ICS650-07C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
Networking Clock Source
Revision 101399
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
Networking Clock Synthesizer
Revision 031605
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
Networking Clock Source
Revision 070505
ICS650-36 ICST-ICS650-36 Datasheet
168Kb / 7P
Networking & PCI Clock Source
Revision 030206
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
Networking Clock Generator
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-27 RENESAS-ICS650-27 Datasheet
391Kb / 8P
NETWORKING CLOCK SOURCE
REV F 051310
ICS650-36 RENESAS-ICS650-36 Datasheet
388Kb / 9P
NETWORKING AND PCI CLOCK SOURCE
REV F 051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com