Electronic Components Datasheet Search
  English  ▼

X  

ICS650-07C Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS650-07C
Description  NETWORKING CLOCK SOURCE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-07C Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS650-07C Datasheet HTML 1Page - Renesas Technology Corp ICS650-07C Datasheet HTML 2Page - Renesas Technology Corp ICS650-07C Datasheet HTML 3Page - Renesas Technology Corp ICS650-07C Datasheet HTML 4Page - Renesas Technology Corp ICS650-07C Datasheet HTML 5Page - Renesas Technology Corp ICS650-07C Datasheet HTML 6Page - Renesas Technology Corp ICS650-07C Datasheet HTML 7Page - Renesas Technology Corp ICS650-07C Datasheet HTML 8Page - Renesas Technology Corp ICS650-07C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ICS650-07C
NETWORKING CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ NETWORKING CLOCK SOURCE
5
ICS650-07C
REV D 102709
External Components
The ICS650-07C requires a minimum number of external
components for proper operation.
Decoupling Capacitor
Decoupling capacitors of 0.01µF must be connected
between each VDD and GND (pins 4 and 6, pins 16 and 14),
as close to the device as possible. For optimum device
performance, the decoupling capacitor should be mounted
on the component side of the PCB. Avoid the use of vias in
the decoupling circuit.
Series Termination Resistor
When the PCB trace between the clock outputs and the
loads are over 1 inch, series termination should be used. To
series terminate a 50
Ω trace (a commonly used trace
impedance) place a 33
Ωresistor in series with the clock line,
as close to the clock output pin as possible. The nominal
impedance of the clock output is 20
Ω.
Crystal Information
The crystal used should be a fundamental mode (do not use
third overtone), parallel resonant. Crystal capacitors should
be connected from pins X1 to ground and X2 to ground to
optimize the initial accuracy. The value of these capacitors
is given by the following equation:
Crystal caps (pF) = (CL - 6) x 2
In the equation, CL is the crystal load capacitance. So, for a
crystal with a 16 pF load capacitance, two 20 pF capacitors
should be used. If a clock input is used, drive it into X1 and
leave X2 unconnected.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS650-07C. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature (commercial)
0 to +70
° C
Ambient Operating Temperature (industrial)
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature (20 seconds max)
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (commercial)
0
+70
° C
Ambient Operating Temperature (industrial)
-40
+85
° C
Power Supply Voltage (measured with respect to GND)
+3.0
+3.3
+5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com