Electronic Components Datasheet Search
  English  ▼

X  

ICS671-01 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS671-01
Description  ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS671-01 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS671-01 Datasheet HTML 1Page - Renesas Technology Corp ICS671-01 Datasheet HTML 2Page - Renesas Technology Corp ICS671-01 Datasheet HTML 3Page - Renesas Technology Corp ICS671-01 Datasheet HTML 4Page - Renesas Technology Corp ICS671-01 Datasheet HTML 5Page - Renesas Technology Corp ICS671-01 Datasheet HTML 6Page - Renesas Technology Corp ICS671-01 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ICS671-01
ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
ZDB AND MULTIPLIER
IDT™ / ICS™ ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
3
ICS671-01
REV F 051310
External Components
The ICS671-01 requires a minimum number of external components for proper operation. Decoupling capacitors of
0.01mF should be connected between VDD and GND on pins 4 and 5, and VDD and GND on pins 13 and 12, as
close to the device as possible. A series termination resistor of 33
Ω may be used to each clock output pin to reduce
reflections.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS671-01. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
VDD=3.3V ±10%, Ambient temperature 0 to +70
° C, unless stated otherwise
Item
Rating
Supply Voltage, VDD
7V
All Inputs and Outputs
-0.5V to VDD+0.5V
CLKIN and FBIN inputs
-0.5V to 5.5V
Electrostatic Discharge
2000 V
Ambient Operating Temperature
0 to +70
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
150
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
° C
Power Supply Voltage (measured in respect to GND)
+3.13
+5.50
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.13
5.5
V
Input High Voltage
VIH
CLKIN
VDD/2+1
VDD/2
V
Input Low Voltage
VIL
CLKIN
VDD/2 VDD/2-1
V
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Input Low Current
IIL
VIN = 0V
50
µA
Input High Current
IIH
VIN = VDD
100
µA
Output High Voltage
VOH
IOH = -25 mA
2.4
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com