Electronic Components Datasheet Search
  English  ▼

X  

ICS671-01 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS671-01
Description  ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS671-01 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS671-01 Datasheet HTML 1Page - Renesas Technology Corp ICS671-01 Datasheet HTML 2Page - Renesas Technology Corp ICS671-01 Datasheet HTML 3Page - Renesas Technology Corp ICS671-01 Datasheet HTML 4Page - Renesas Technology Corp ICS671-01 Datasheet HTML 5Page - Renesas Technology Corp ICS671-01 Datasheet HTML 6Page - Renesas Technology Corp ICS671-01 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
ICS671-01
IDT™ / ICS™ ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
1
ICS671-01
REV F 051310
Description
The ICS671-01 is a low phase noise, high speed PLL
based, 8 output, low skew zero delay buffer and multiplier.
Based on IDT’s proprietary low jitter Phase Locked Loop
(PLL) techniques, the device provides eight low skew
outputs at speeds up to 160 MHz at 3.3V. The part includes
a bank of six outputs running at either x2 or x4 mode, one
output running at either x2, x4, or x4 mode, and one
additional output running at either x1, x2, or x4 mode. For
normal operation as a zero delay buffer, any output clock is
tied to the FBIN pin.
IDT manufactures the largest variety of clock generators
and buffers and is the largest clock supplier in the world.
Features
• Packaged in 16 pin SOIC
• Pb (lead) free package, RoHS compliant
• Clock outputs from 5 to 160 MHz
• Zero input-output delay
• Integrated x2 or x4 selections, and x5 for CLK7
• Eight low-skew (<250 ps) outputs
• Full CMOS outputs with 25 mA output drive capability at
TTL levels
• Tri-state mode for board-level testing
• Advanced, low power, sub-micron CMOS process
• Operating voltage of 3.3V or 5V
Block Diagram
CLK4
CLK5
CLK3
CLK6
CLK7
CLK2
CLK1
CLK8
Control
Logic
S1, S0
x2, x4, or x5
PLL
CLKIN
FBIN
2
VDD
2
GND
2


Similar Part No. - ICS671-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS671-01 ICST-ICS671-01 Datasheet
42Kb / 4P
Zero Delay, Low Skew Buffer and Multipler
Revision 051700
More results

Similar Description - ICS671-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS570A ICST-ICS570A Datasheet
85Kb / 6P
Multiplier and Zero Delay Buffer
Revision 102700
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
Multiplier and Zero Delay Buffer
Revision 053001
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
logo
List of Unclassifed Man...
MK2302S-01 ETC-MK2302S-01 Datasheet
161Kb / 6P
Multiplier and Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS2402 ICST-ICS2402 Datasheet
136Kb / 7P
Multiplier and Zero Delay Buffer
Revision 122104
logo
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
MULTIPLIER AND ZERO DELAY BUFFER
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2302-01 RENESAS-MK2302-01 Datasheet
331Kb / 8P
MULTIPLIER AND ZERO DELAY BUFFER
051310
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
ZERO DELAY, LOW SKEW BUFFER
072710
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com