Electronic Components Datasheet Search
  English  ▼

X  

ICS671-01 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS671-01
Description  ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS671-01 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS671-01 Datasheet HTML 1Page - Renesas Technology Corp ICS671-01 Datasheet HTML 2Page - Renesas Technology Corp ICS671-01 Datasheet HTML 3Page - Renesas Technology Corp ICS671-01 Datasheet HTML 4Page - Renesas Technology Corp ICS671-01 Datasheet HTML 5Page - Renesas Technology Corp ICS671-01 Datasheet HTML 6Page - Renesas Technology Corp ICS671-01 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ICS671-01
ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
ZDB AND MULTIPLIER
IDT™ / ICS™ ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
2
ICS671-01
REV F 051310
Pin Assignment
Output Clock Mode Select Table
Note 1. Outputs are in high impedence state
Note 2: In S1:S0 = 01 Mode, only the x1 output on CLK 8 will be zero delay. The x2 and x5 outputs can power-up in different
states so the skew relationship is not defined.
Pin Descriptions
12
1
11
2
10
CL K IN
FB IN
3
9
CL K 1
4
CL K 2
CL K 8
5
VD D
6
CL K 7
7
GN D
8
CL K 3
VD D
GN D
CL K 6
CL K 4
CL K 5
S0
S1
16
15
14
13
16 pin na rrow (150 m il) S O IC
S1
S0
CLK1:6
CLK7
CLK8
Input Range
0
0
Tri-state (note 1)
Tri-state (note 1)
Tri-state (note 1)
-
0
1
x2 (note 2)
x5 (note 2)
x1
5 to 30 MHz
1
0
x2
x2
x2
15 to 80 MHz
1
1
x4
x4
x4
7.5 to 40 MHz
Pin
Number
Pin
Name
Pin Type
Pin Description
1
CLKIN
Input
Clock input.
2-3, 6-7, 10-11
CLK1:6
Output
Clock outputs 1:6. See table above.
4
VDD
Power
Power supply. Connect both pins to the same voltage (either 3.3V or 5V).
5
GND
Power
Connect to ground.
8
S0
Input
Select input 0. See table above.
9
S1
Input
Select input 1. See table above.
12
GND
Power
Connect to ground.
13
VDD
Power
Power supply. Connect both pins to the same voltage (either 3.3V or 5V).
14
CLK7
Output
Clock output 7. See table above.
15
CLK8
Output
Clock output 8. See table above. Normally use this clock as feedback.
16
FBIN
Input
Feedback input. Connect to CLK8 under normal operations.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com