Electronic Components Datasheet Search
  English  ▼

X  

ICS671-01 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS671-01
Description  ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS671-01 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS671-01 Datasheet HTML 1Page - Renesas Technology Corp ICS671-01 Datasheet HTML 2Page - Renesas Technology Corp ICS671-01 Datasheet HTML 3Page - Renesas Technology Corp ICS671-01 Datasheet HTML 4Page - Renesas Technology Corp ICS671-01 Datasheet HTML 5Page - Renesas Technology Corp ICS671-01 Datasheet HTML 6Page - Renesas Technology Corp ICS671-01 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ICS671-01
ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
ZDB AND MULTIPLIER
IDT™ / ICS™ ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
4
ICS671-01
REV F 051310
AC Electrical Characteristics
VDD = 3.3V ±10%, Ambient Temperature 0 to +70
° C, CLOAD at CLK = 15 pF, unless stated otherwise
Note 1: With CLKIN = 20 MHz, FBIN to CLK8, all outputs at 40 MHz.
Note 2:With CLKIN = 80 MHz, FBIN to CLK8, all outputs at 160 MHz.
Note 3: These specs do not apply to mode 01.
Thermal Characteristics (16 pin SOIC)
Ouput Low Voltage
VOL
IOL = 25mA
0.4
V
Output High Voltage,
CMOS level
VOH
IOH = -8 mA
VDD-0.4
V
Operating Supply Current
IDD
No Load, S1 = 1, S0 = 0,
Note 1
25
mA
No Load, S1 = 1, S0 =0
Note 2
Power Down Supply
Current
IDDPD
CLKIN = 0, S0 = 0, S1 = 0
500
µA
Short Circuit Current
IOS
Each output
±50
mA
Input Capacitance
CIN
S0, S1, FBIN
7
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Clock Frequency
fIN
See table on page 2
5
80
MHz
Output Clock Frequency
See table on page 2
5
160
MHz
Output Rise Time
tOR
0.8 to 2.0V, CL=30 pF
1.5
ns
Output Fall Time
tOF
2.0 to 0.8V, CL=30 pF
1.5
ns
Output Clock Duty Cycle
tDC
measured at VDD/2
40
50
60
%
Device to Device Skew
rising edges at VDD/2, Note 3
700
ps
Output to Output Skew
rising edges at VDD/2, Note 3
250
ps
Input to Output Skew
rising edges at VDD/2, FBIN to
CLK8
±350
ps
Maximum Absolute JItter
15 pF
300
ps
Cycle to Cycle Jitter
30 pF loads
500
ps
PLL Lock Time
Note 3
1.0
ms
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
120
° C/W
θJA
1 m/s air flow
115
° C/W
θJA
3 m/s air flow
105
° C/W
Thermal Resistance Junction to Case
θJC
58
° C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com