Electronic Components Datasheet Search
  English  ▼

X  

ICS680-01 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS680-01
Description  NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS680-01 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS680-01 Datasheet HTML 1Page - Renesas Technology Corp ICS680-01 Datasheet HTML 2Page - Renesas Technology Corp ICS680-01 Datasheet HTML 3Page - Renesas Technology Corp ICS680-01 Datasheet HTML 4Page - Renesas Technology Corp ICS680-01 Datasheet HTML 5Page - Renesas Technology Corp ICS680-01 Datasheet HTML 6Page - Renesas Technology Corp ICS680-01 Datasheet HTML 7Page - Renesas Technology Corp ICS680-01 Datasheet HTML 8Page - Renesas Technology Corp ICS680-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ICS680-01
NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
ZDB AND SYNTHESIZER
IDT™ / ICS™ NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER 3
ICS680-01
REV H 051310
External Components
The ICS680-01 requires a minimum number of external
components for proper operation.
Decoupling Capacitor
A decoupling capacitor of 0.01µF must be connected
between VDD (pins 5 and 16) and GND (pins 6 and 15), as
close to these pins as possible. For optimum device
performance, the decoupling capacitor should be mounted
on the component side of the PCB. Avoid the use of vias in
the decoupling circuit.
Series Termination Resistor
When the PCB trace between the clock outputs and the
loads are over 1 inch, series termination should be used. To
series terminate a 50
Ω trace (a commonly used trace
impedance) place a 33
Ωresistor in series with the clock line,
as close to the clock output pin as possible. The nominal
impedance of the clock output is 20
Ω.
Crystal Information
The crystal used should be a fundamental mode (do not use
third overtone), parallel resonant. Crystal capacitors should
be connected from pins X1 to ground and X2 to ground to
optimize the initial accuracy. The value of these capacitors
is given by the following equation crystal caps (pF) =
(CL-6)x2
In the equation, CL is the crystal load capacitance. So for a
crystal with a 16 pF load capacitance, two 20 pF[(16-6)x2]
capacitors should be used
PCB Layout Recommendations
For optimum device performance and lowest output phase
noise, the following guidelines should be observed.
1) The 0.01µF decoupling capacitor should be mounted on
the component side of the board as close to the VDD pin as
possible. No vias should be used between decoupling
capacitor and VDD pin. The PCB trace to VDD pin should
be kept as short as possible, as should the PCB trace to the
ground via.
2) The external crystal should be mounted just next to the
device with short traces. The X1 and X2 traces should not
be routed next to each other with minimum spaces, instead
they should be separated and away from other traces.
3) To minimize EMI, the 33
Ω series termination resistor (if
needed) should be placed close to the clock output.
4) An optimum layout is one with all components on the
same side of the board, minimizing vias through other signal
layers. Other signal traces should be routed away from the
ICS680-01. This includes signal traces just underneath the
device, or on layers adjacent to the ground plane layer used
by the device.
18
VDD
Power
Connect to voltage supply.
19
ICLK
Input
Zero Delay Buffer Input. Weak Internal pull-up.
20
25M
Output
25 MHz reference output clock. Weak internal pull-down when tri-state.
21
S1
Input
Select pin 1. See table above.
22
PDTS
Power
Power-down tri-state. Powers down entire chip and tri-states outputs
when low. Internal pull-up resistor.
23
VDD
Power
Connect to voltage supply.
24
X2
XO
Crystal output. Connect this pin to a crystal. Float for clock input.
Pin
Number
Pin
Name
Pin
Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com