Electronic Components Datasheet Search
  English  ▼

X  

ICS680-01 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS680-01
Description  NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS680-01 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS680-01 Datasheet HTML 1Page - Renesas Technology Corp ICS680-01 Datasheet HTML 2Page - Renesas Technology Corp ICS680-01 Datasheet HTML 3Page - Renesas Technology Corp ICS680-01 Datasheet HTML 4Page - Renesas Technology Corp ICS680-01 Datasheet HTML 5Page - Renesas Technology Corp ICS680-01 Datasheet HTML 6Page - Renesas Technology Corp ICS680-01 Datasheet HTML 7Page - Renesas Technology Corp ICS680-01 Datasheet HTML 8Page - Renesas Technology Corp ICS680-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ICS680-01
NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
ZDB AND SYNTHESIZER
IDT™ / ICS™ NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER 5
ICS680-01
REV H 051310
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature 0 to +70
° C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.13
3.3
3.46
V
Supply Current
IDD
No load,PDTS=1
32
mA
No load,PDTS=0
300
µA
Input High Voltage, binary
inputs
VIH
PDTS, ICLK
2
V
Input High Voltage, trinary
inputs
VIH
S0, S1
VDD-0.5
V
Input Low Voltage, binary
inputs
VIL
PDTS, ICLK
0.8
V
Input Low Voltage, trinary
inputs
VIL
S0, S1
0.5
V
Output High Voltage
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.8
V
IOL = 4 mA
0.4
V
Short Circuit Current
IOS
CLK output
±50
mA
Input Capacitance, Inputs
CIN
5pF
Nominal Output
Impedance
ZOUT
20
Ω
On-Chip Pull-up Resistor,
Inputs
RPU
PDTS, SEL
250
k
Ω
On-Chip Pull-down
Resistor, Outputs
RPD
CLK outputs
250
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com