Electronic Components Datasheet Search
  English  ▼

X  

ICS680-01 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS680-01
Description  NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS680-01 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS680-01 Datasheet HTML 1Page - Renesas Technology Corp ICS680-01 Datasheet HTML 2Page - Renesas Technology Corp ICS680-01 Datasheet HTML 3Page - Renesas Technology Corp ICS680-01 Datasheet HTML 4Page - Renesas Technology Corp ICS680-01 Datasheet HTML 5Page - Renesas Technology Corp ICS680-01 Datasheet HTML 6Page - Renesas Technology Corp ICS680-01 Datasheet HTML 7Page - Renesas Technology Corp ICS680-01 Datasheet HTML 8Page - Renesas Technology Corp ICS680-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATASHEET
NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
ICS680-01
IDT™ / ICS™ NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER 1
ICS680-01
REV H 051310
Description
The ICS680-01 generates four high-frequency clock outputs
and a reference from a 25 MHz crystal or clock input. The
device includes a low-skew, single input to four output zero
delay clock buffer. It can replace multiple crystals and
oscillators, saving board space and cost.
The device has a power-down tri-state (PDTS) pin that place
the clock outputs in a high-impedance state when pulled
low. The PDTS pin includes an internal pull-up resistor.
Features
• Packaged in 24-pin TSSOP
• Pb (lead) free package, RoHS compliant
• Replaces multiple crystals and oscillators
• Input crystal or clock frequency of 25 MHz
• Five output driver driven by external clock
• Duty cycle of 45/55
• Operating voltage of 3.3 V
• Advanced, low-power CMOS process
• Fixed output frequencies of 25 MHz and 48 MHz
• Selectable output frequencies of 24 MHz, 48 MHz, 50
MHz and 66.6666 MHz
• Qx outputs replace costly discrete buffer
• Low-skew buffer outputs (250 ps)
Block Diagram
Divide
Logic
and
Output
Enable
Control
External capacitors
may be required.
S0
VDD
CLK2
CLK1
48M
25M
Q0
5
Q2
Q3
GND
PDTS
2
X1/ICLK
X2
Crystal
Oscillator
25 MHz
Crystal or Clock
PLLA
PLLB
Q1
ICLK
S1
PLL/Buffer
PLLC
QFB


Similar Part No. - ICS680-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS680-01 ICST-ICS680-01 Datasheet
154Kb / 8P
Networking Clock Synthesizer and Zero Delay Buffer
More results

Similar Description - ICS680-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
3.3V ZERO DELAY CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
Zero-Delay Clock Buffer
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
Zero-Delay Clock Buffer
logo
Integrated Circuit Syst...
ICS680-01 ICST-ICS680-01 Datasheet
154Kb / 8P
Networking Clock Synthesizer and Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
3.3V ZERO DELAY CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
Zero-Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com