Electronic Components Datasheet Search
  English  ▼

X  

ICS680-01 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS680-01
Description  NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS680-01 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS680-01 Datasheet HTML 2Page - Renesas Technology Corp ICS680-01 Datasheet HTML 3Page - Renesas Technology Corp ICS680-01 Datasheet HTML 4Page - Renesas Technology Corp ICS680-01 Datasheet HTML 5Page - Renesas Technology Corp ICS680-01 Datasheet HTML 6Page - Renesas Technology Corp ICS680-01 Datasheet HTML 7Page - Renesas Technology Corp ICS680-01 Datasheet HTML 8Page - Renesas Technology Corp ICS680-01 Datasheet HTML 9Page - Renesas Technology Corp ICS680-01 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ICS680-01
NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
ZDB AND SYNTHESIZER
IDT™ / ICS™ NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER 6
ICS680-01
REV H 051310
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature 0 to +70
° C
Note 1: Measured with a 15 pF load.
Note 2: Duty cycle is configuration dependent. Most configurations are min 45% / max 55%.
Note 3: Skew is measured at 1.4 V on rising edges with a 33 MHz ICLK.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
fIN
X1
25
MHz
ICLK
33
MHz
Output Frequency
fOUT
Q0 to Q3, QFB, Note 1
33
MHz
Output Rise Time
tOR
20% to 80%, Note 1
1.5
ns
Output Fall Time
tOF
80% to 20%, Note 1
1.5
ns
Output Clock Duty Cycle
tD
at VDD/2, Note 2
40
60
%
Power-up Time
PLL lock-time from
power-up to 1% of final
frequency
10
ms
PDTS goes high until
stable CLK outputs at
1% of final frequency
2ms
One Sigma Clock Period Jitter
Configuration
dependent
50
ps
Maximum Absolute Jitter
tja
Deviation from mean.
Configuration
dependent.
±200
ps
QFB to ICLK Skew
tPD
Measured at VDD/2,
Note 3
-350
350
Pin-to-pin Skew
QFB, Q0 to Q3, Note 3
-250
250
ps



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com