Electronic Components Datasheet Search
  English  ▼

X  

EN27C01090PI Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EN27C01090PI
Description  EN27C010 1Megabit EPROM (128K x 8)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EN27C01090PI Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EN27C01090PI Datasheet HTML 1Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 2Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 3Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 4Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 5Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 6Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 7Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 8Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EN27C010
4800 Great America Parkway Ste 202
Tel: 408-235-8680
Santa Clara, CA. 95054
Fax: 408-235-8685
3
FIGURE 4. BLOCK DIAGRAM
CE
PGM
OE
A0-A16
ADDRESS
INPUTS
CONTROL
LOGIC
VCC
VSS
VPP
INPUT/
OUTPUT
BUFFERS
DQ0 - DQ7
8
8
1024
Y-DECODER
Y-SELECT
X-DECODER
1M BIT
CELL
MATRIX
1024
FUNCTIONAL DESCRIPTION
THE QUIKRITE
TM PROGRAMMING OF THE EN27C010
When
the
EN27C010
is
delivered,
the
chip
has
all
1M
bits
in
the
“ONE”,
or
HIGH state. “ZEROs” are loaded into the EN27C010 through the procedure of programming.
The programming mode is entered when 12.75
± 0.25V is applied to the VPP pin, OE is at VIH,
and
CE and PGM are at VIL. For programming, the data to be programmed is applied with 8
bits in parallel to the data pins.
The QUIKRITE
TM
programming flowchart in Figure 5 shows Eon’s interactive programming
algorithm. The interactive algorithm reduces programming time by using 20
µs to 100 µs
programming pulses and giving each address only as many pulses as is necessary in order to
reliably program the data. After each pulse is applied to a given address, the data in that
address is verified. If the data is not verified, additional pulses are given until it is verified or
until the maximum number of pulses is reached. This process is repeated while sequencing
through each address of the EN27C010. This part of the programming algorithm is done at
VCC = 6.25V to assure that each EPROM bit is programmed to a sufficiently high threshold
voltage. This ensures that all bits have sufficient margin. After the final address is completed,
the entire EPROM memory is read at VCC = VPP = 5.25 ± 0.25V to verify the entire memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com