Electronic Components Datasheet Search
  English  ▼

X  

EN27C01090PI Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EN27C01090PI
Description  EN27C010 1Megabit EPROM (128K x 8)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EN27C01090PI Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EN27C01090PI Datasheet HTML 1Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 2Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 3Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 4Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 5Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 6Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 7Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 8Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EN27C010
4800 Great America Parkway Ste 202
Tel: 408-235-8680
Santa Clara, CA. 95054
Fax: 408-235-8685
5
READ MODE
The EN27C010 has two control functions, both of which must be logically satisfied in order to
obtain data at the outputs. Chip Enable (
CE ) is the power control and should be used for
device selection. Output Enable (
OE ) is the output control and should be used to gate data to
the output pins, independent of device selection. Assuming that addresses are stable,
address access time (tACC) is equal to the delay from CE to output (tCE) . Data is available at
the outputs (tOE) after the falling edge of OE , assuming the CE has been LOW and
addresses have been stable for at least tACC - tOE.
STANDBY MODE
The EN27C010 has CMOS standby mode which reduces the maximum VCC current to 20µA.
It is placed in CMOS standby when
CE is at VCC ± 0.3 V. The EN27C010 also has a TTL-
standby mode which reduces the maximum VCC current to 1.0 mA. It is placed in TTL-
standby when
CE is at VIH. When in standby mode, the outputs are in a high-impedance
state, independent of the
OE input.
TWO-LINE OUTPUT CONTROL FUNCTION
To accommodate multiple memory connections, a two-line control function is provided to allow
for:
1.
Low memory power dissipation,
2.
Assurance that output bus contention will not occur.
It is recommended that
CE be decoded and used as the primary device-selection function,
while
OE be made a common connection to all devices in the array and connected to the READ
line from the system control bus. This assures that all deselected memory devices are in their
low-power standby mode and that the output pins are only active when data is desired from a
particular memory device.
SYSTEM CONSIDERATIONS
During the switch between active and standby conditions, transient current peaks are produced
on the rising and falling edges of Chip Enable. The magnitude of these transient current peaks
is dependent on the output capacitance loading of the device. At a minimum, a 0.1
µF ceramic
capacitor (high frequency, low inherent inductance) should be used on each device between
VCC and VSS to minimize transient effects. In addition, to overcome the voltage drop caused
by the inductive effects of the printed circuit board traces on EPROM arrays, a 4.7
µF bulk
electrolytic capacitor should be used between VCC and VSS for each eight devices. The
location of the capacitor should be close to where the power supply is connected to the array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com