Electronic Components Datasheet Search
  English  ▼

X  

EN27C01090PI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EN27C01090PI
Description  EN27C010 1Megabit EPROM (128K x 8)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EN27C01090PI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button EN27C01090PI Datasheet HTML 2Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 3Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 4Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 5Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 6Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 7Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 8Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 9Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
EN27C010
4800 Great America Parkway Ste 202
Tel: 408-235-8680
Santa Clara, CA. 95054
Fax: 408-235-8685
6
MODE SELECT TABLE
Mode
CE
OE
PGM
A0
A1
A9
VPP
Output
Read
VIL
VIL
X
(2)
XX
X
VCC
DOUT
Output Disable
VIL
VIH
XX
X
X
VCC
High Z
Standby (TTL)
VIH
XX
X
X
X
VCC
High Z
Standby (CMOS)
VCC ± 0.3V
XX
X
X
X
VCC
High Z
Program
(4)
VIL
VIH
VIL
XX
X
VPP
DIN
Program Verify
VIL
VIL
VIH
XX
X
VPP
DOUT
Program Inhibit
VIH
XX
X
X
X
VPP
High Z
Manufacturer Code
(3)
VIL
VIL
X
VIL
VIH
VH
(1)
VCC
1C
Device Code
(3)
VIL
VIL
X
VIH
VIH
VH
(1)
VCC
01
NOTES:
1)
VH = 12.0V
± 0.5V
2)
X = Either VIH or VIL
3)
For Manufacturer Code and Device Code, A1 = V IH
When A1 = VIL, both codes will read 7F
4)
See DC Programming Characteristics for V PP voltage during programming
EON’S STANDARD PRODUCT IDENTIFICATION CODE
Pins
Hex
Data
Code
A0
A1
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Manufacturer
01
00
01
11
0
0
1C
Device Type
11
00
00
00
0
1
01
Continuation
00
01
11
11
1
1
7F
10
01
11
11
1
1
7F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com