Electronic Components Datasheet Search
  English  ▼

X  

EN27C01090PI Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EN27C01090PI
Description  EN27C010 1Megabit EPROM (128K x 8)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EN27C01090PI Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EN27C01090PI Datasheet HTML 1Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 2Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 3Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 4Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 5Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 6Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 7Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 8Page - List of Unclassifed Manufacturers EN27C01090PI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
EN27C010
4800 Great America Parkway Ste 202
Tel: 408-235-8680
Santa Clara, CA. 95054
Fax: 408-235-8685
4
PROGRAM INHIBIT MODE
Programming of multiple EN27C010 in parallel with different data is also easily accomplished
by using the Program Inhibit Mode. Except for
CE , all like inputs of the parallel EN27C010
may be common. A TTL low-level program pulse applied to an EN27C010
CE input with
VPP = 12.75 ± 0.25V, PGM LOW, and OE HIGH will program that EN27C010. A high-level
CE input inhibits the other EN27C010 from being programmed.
PROGRAM VERIFY MODE
Verification should be performed on the programmed bits to determining that they were
correctly programmed. The verification should be performed with
OE and CE at VIL, PGM at
VIH, and VPP at it programming voltage.
AUTO PRODUCT IDENTIFICATION
The Auto Product Identification mode allows the reading out of a binary code from an EPROM that
will identify its manufacturer and type. This mode is intended for use by programming equipment
for the purpose of automatically matching the device to be programmed with its corresponding
programming algorithm. This mode is functional in the 25
°C ± 5°C ambient temperature range
that is required when programming the EN27C010.
To activate this mode, the programming equipment must force 12.0 V
± 0.5V on address line A9
of the EN27C010. Two identifier bytes may then be sequenced from the device outputs by
toggling address line A0 from VIL to VIH, when A1 = VIH. All other address lines must be held at
VIL during Auto Product Identification mode.
Byte 0 (A0 = VIL) represents the manufacturer code, and byte 1 (A0 = VIH), the device code. For
the EN27C010, these two identifiers bytes are given in the Mode Select Table. All identifiers for
manufacturer and device codes will possess odd parity, with the MSB (DQ7) defined as the parity
bit. When A1 = VIL, the EN27C010 will read out the binary code of 7F, continuation code, to
signify the unavailability of manufacturer ID codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com