Electronic Components Datasheet Search
  English  ▼

X  

ICS8523I Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS8523I
Description  Low Skew, 1-to-4, Differential-to-HSTL Fantout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8523I Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS8523I Datasheet HTML 1Page - Renesas Technology Corp ICS8523I Datasheet HTML 2Page - Renesas Technology Corp ICS8523I Datasheet HTML 3Page - Renesas Technology Corp ICS8523I Datasheet HTML 4Page - Renesas Technology Corp ICS8523I Datasheet HTML 5Page - Renesas Technology Corp ICS8523I Datasheet HTML 6Page - Renesas Technology Corp ICS8523I Datasheet HTML 7Page - Renesas Technology Corp ICS8523I Datasheet HTML 8Page - Renesas Technology Corp ICS8523I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ICS8523CGI REVISION E NOVEMBER 15, 2012
5
©2012 Integrated Device Technology, Inc.
ICS8523I Data Sheet
LOW SKEW, 1-TO-4, DIFFERENTIAL-TO-HSTL FANOUT BUFFER
Table 4D. LVPECL DC Characteristics, VDD = 3.3V ± 5%, VDDO = 1.8V ±0.2V, TA = -40°C to 85°C
NOTE 1: Common mode input voltage is defined as VIH.
Table 4E. HSTL DC Characteristics, VDD = 3.3V ± 5%, VDDO = 1.8V ±0.2V, TA = -40°C to 85°C
NOTE 1: Outputs termination with 50
 to ground.
AC Electrical Characteristics
Table 5. AC Characteristics, VDD = 3.3V ± 5%, VDDO = 1.8V ±0.2V, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device
is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal
equilibrium has been reached under these conditions.
NOTE: All parameters measured at 500MHz unless noted otherwise.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at output differential cross
points.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 4: Defined as skew between outputs on different devices operating at the same supply voltage, same frequency, same temperature and
with equal load conditions. Using the same type of inputs on each device, the outputs are measured at the differential cross points.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
nPCLK
VDD = VIN = 3.465V
5
µA
PCLK
VDD = VIN = 3.465V
150
µA
IIL
Input Low Current
nPCLK
VDD = 3.465V, VIN = 0V
-150
µA
PCLK
VDD = 3.465V, VIN = 0V
-5
µA
VPP
Peak-to-Peak Voltage
0.3
1.0
V
VCMR
Common Mode Input Voltage; NOTE 1
1.5
VDD
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Current;
NOTE 1
0.9
1.4
V
VOL
Output Low Current;
NOTE 1
00.4
V
VOX
Output
Crossover Voltage
40% x (VOH – VOL) +
VOL
60% x (VOH – VOL) + VOL
V
VSWING
Peak-to-Peak
Output Voltage Swing
0.6
1.3
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
650
MHz
tPD
Propagation Delay; NOTE 1
ƒ
 650MHz
1.0
1.6
ns
tjit
Buffer Additive Phase Jitter,
RMS; refer to Additive Phase
Jitter Section
fOUT = 100MHz,
Integration Range: 12kHz - 20MHz
0.082
ps
fOUT = 120MHz,
Integration Range: 12kHz - 20MHz
0.190
ps
tsk(o)
Output Skew; NOTE 2, 3
50
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
250
ps
tR / tF
Output Rise/Fall Time
20% to 80% @ 50MHz
250
700
ps
odc
Output Duty Cycle
45
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com