Electronic Components Datasheet Search
  English  ▼

X  

ICS8523I Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS8523I
Description  Low Skew, 1-to-4, Differential-to-HSTL Fantout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8523I Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS8523I Datasheet HTML 8Page - Renesas Technology Corp ICS8523I Datasheet HTML 9Page - Renesas Technology Corp ICS8523I Datasheet HTML 10Page - Renesas Technology Corp ICS8523I Datasheet HTML 11Page - Renesas Technology Corp ICS8523I Datasheet HTML 12Page - Renesas Technology Corp ICS8523I Datasheet HTML 13Page - Renesas Technology Corp ICS8523I Datasheet HTML 14Page - Renesas Technology Corp ICS8523I Datasheet HTML 15Page - Renesas Technology Corp ICS8523I Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ICS8523CGI REVISION E NOVEMBER 15, 2012
12
©2012 Integrated Device Technology, Inc.
ICS8523I Data Sheet
LOW SKEW, 1-TO-4, DIFFERENTIAL-TO-HSTL FANOUT BUFFER
Schematic Example
Figure 5 shows a schematic example of the ICS8523I. In this
example, the input is driven by an IDT HSTL driver. The decoupling
capacitors should be physically located near the power pin. For
ICS8523I, the unused clock outputs can be left floating.
Figure 5. ICS8523I HSTL Buffer Schematic Example
1.8V
LVHSTL Driver
Zo = 50
Zo = 50
C2
0.1u
R5
50
R6
50
R10
50
1.8V
R11
1K
R3
50
Zo = 50 Ohm
U3
8523
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
GND
CLK_EN
CLK_SEL
CLK
nCLK
PCLK
nPCLK
NC
NC
VDD
nQ3
Q3
VDDO
nQ2
Q2
nQ1
Q0
nQ0
VDDO
Q1
Zo = 50
+
-
Zo = 50 Ohm
Zo = 50
R4
50
R12
1K
R1
50
1.8V
1.8V
+
-
R7
50
R2
50
3.3V
C3
0.1u
R9
50
+
-
Zo = 50
R8
50
+
-
Zo = 50
3.3V
Zo = 50
Zo = 50
C1
0.1u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com