Electronic Components Datasheet Search
  English  ▼

X  

ICS8523I Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS8523I
Description  Low Skew, 1-to-4, Differential-to-HSTL Fantout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8523I Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS8523I Datasheet HTML 6Page - Renesas Technology Corp ICS8523I Datasheet HTML 7Page - Renesas Technology Corp ICS8523I Datasheet HTML 8Page - Renesas Technology Corp ICS8523I Datasheet HTML 9Page - Renesas Technology Corp ICS8523I Datasheet HTML 10Page - Renesas Technology Corp ICS8523I Datasheet HTML 11Page - Renesas Technology Corp ICS8523I Datasheet HTML 12Page - Renesas Technology Corp ICS8523I Datasheet HTML 13Page - Renesas Technology Corp ICS8523I Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ICS8523CGI REVISION E NOVEMBER 15, 2012
10
©2012 Integrated Device Technology, Inc.
ICS8523I Data Sheet
LOW SKEW, 1-TO-4, DIFFERENTIAL-TO-HSTL FANOUT BUFFER
3.3V LVPECL Clock Input Interface
The PCLK /nPCLK accepts LVPECL, CML, SSTL and other
differential signals. Both signals must meet the VPP and VCMR input
requirements. Figures 4A to 4E show interface examples for the
PCLK/ nPCLK input driven by the most common driver types. The
input interfaces suggested here are examples only. If the driver is
from another vendor, use their termination recommendation. Please
consult with the vendor of the driver component to confirm the driver
termination requirements.
Figure 4A. PCLK/nPCLK Input Driven by a CML Driver
Figure 4C. PCLK/nPCLK Input Driven by a
3.3V LVPECL Driver
Figure 4E. PCLK/nPCLK Input Driven by an SSTL Driver
Figure 4B. PCLK/nPCLK Input Driven by a
Built-In Pullup CML Driver
Figure 4D. PCLK/nPCLK Input Driven by a
3.3V LVPECL Driver with AC Couple
PCLK
nPCLK
LVPECL
Input
CML
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
3.3V
R1
50
Ω
R2
50
Ω
R3
125
Ω
R4
125
Ω
R1
84
Ω
R2
84
Ω
3.3V
Zo = 50
Ω
Zo = 50
Ω
PCLK
nPCLK
3.3V
3.3V
LVPECL
LVPECL
Input
PCLK
nPCLK
LVPECL
Input
SSTL
2.5V
Zo = 60
Ω
Zo = 60
Ω
2.5V
3.3V
R1
120
Ω
R2
120
Ω
R3
120
Ω
R4
120
Ω
PCLK
nPCLK
3.3V
LVPECL
Input
3.3V
Zo = 50
Ω
Zo = 50
Ω
R1
100
Ω
CML Built-In Pullup
R3
84
R4
84
R1
125
R2
125
R5
100 - 200
R6
100 - 200
PCLK
nPCLK
3.3V LVPECL
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
3.3V
LVPECL
Input
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com