Electronic Components Datasheet Search
  English  ▼

X  

ICS8523I Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ICS8523I
Description  Low Skew, 1-to-4, Differential-to-HSTL Fantout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8523I Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ICS8523I Datasheet HTML 11Page - Renesas Technology Corp ICS8523I Datasheet HTML 12Page - Renesas Technology Corp ICS8523I Datasheet HTML 13Page - Renesas Technology Corp ICS8523I Datasheet HTML 14Page - Renesas Technology Corp ICS8523I Datasheet HTML 15Page - Renesas Technology Corp ICS8523I Datasheet HTML 16Page - Renesas Technology Corp ICS8523I Datasheet HTML 17Page - Renesas Technology Corp ICS8523I Datasheet HTML 18Page - Renesas Technology Corp ICS8523I Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
ICS8523CGI REVISION E NOVEMBER 15, 2012
17
©2012 Integrated Device Technology, Inc.
ICS8523I Data Sheet
LOW SKEW, 1-TO-4, DIFFERENTIAL-TO-HSTL FANOUT BUFFER
Revision History Sheet
Rev
Table
Page
Description of Change
Date
B
T5
5
AC Characteristics table - tPD row, changed Min. from 1.2ns to 1.0ns.
1/11/02
B
1
Revised Features section, Bullet 1,6 - took out 1.8V
5/6/02
B
8 - 10
In the Application Information section, added Schematic Examples.
10/28/02
C
T2
T4D
2
4
5
11 - 12
Pin Characteristics Table - changed CIN 4pF max. to 4pF typical.
Absolute Maximum Ratings - changed Output rating.
HSTL DC Characteristics Table - changed VOH 1V min. to 0.9V min.
Power Considerations - changed Total Power Dissipation to reflect VOH change.
Calculations changed due to new Total Power Dissipation.
Changed LVHSTL to HSTL throughout data sheet.
6/23/03
C
T9
1
9
15
Features section - added Lead-Free bullet.
Updated LVPECL Clock Input Interface section.
Added Lead-Free marking to Ordering Information table.
9/13/04
C
T8
15
Ordering Information Table - in the Part/Order Number and Marking columns, changed die
revision from “B” to “C”.
3/2/07
D
T5
6
AC Characteristics Table - changed tR/tF minimum from 300ps to 250ps.
3/13/07
E
T4C
T4D
T5
T9
1
4
4
5
5
6
8
8
9
10
11
16
Features Section - added Additive Phase Jitter bullets.
Pin Assignment has nCLK, nPCLK. Changed CLK, PCLK to nCLK, nPCLK throughout
the datasheet.
Absolute Maximum Ratings - corrected Outputs Rating.
Differential DC Characteristics Table - updated notes.
LVPECL DC Characteristics Table - updated notes.
AC Characteristics Table - added Buffer Additive Phase Jitter specs.
Add thermal note and updated NOTE 4.
Added Additive Phase Jitter plot.
Corrected Output Duty Cycle/Pulse Width/Period diagram.
Updated Wiring the Differential Input to Accept Single-ended Levels application note.
Updated 3.3V Differential Clock Input Interface application note.
Updated 3.3V LVPECL Clock Input Interface application note.
Added HSTL Output Termination diagram.
Ordering Information Table - corrected marking.
1/21/11
E
T9
16
Removed leaded orderable parts from Ordering Information table
11/15/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com