Electronic Components Datasheet Search
  English  ▼

X  

ICS8535-01 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS8535-01
Description  Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8535-01 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS8535-01 Datasheet HTML 1Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 2Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 3Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 4Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 5Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 6Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 7Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 8Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ICS8535-01 DATA SHEET
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-3.3V LVPECL
FANOUT BUFFER
4
REVISION F 08/11/14
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Electrical Characteristics
or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
DC Electrical Characteristics
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC + 0.5V
Outputs, IO
Continuous Current
Surge Current
50mA
100mA
Package Thermal Impedance,
JA
20-Lead TSSOP
20-Lead VFQFN
73.2°C/W (0 lfps)
60.4°C/W (0mps)
Storage Temperature, TSTG
-65
Cto150C
Table 4A. Power Supply DC Characteristics, VCC = 3.3V±5%, TA = 0°C to 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Positive Supply Voltage
3.135
3.3
3.465
V
IEE
Power Supply Current
50
mA
Table 4B. LVCMOS/LVTTL DC Characteristics, VCC = 3.3V±5%, TA = 0°C to 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High
Voltage
CLK0, CLK1
2
VCC + 0.3
V
CLK_EN,
CLK_SEL
2VCC + 0.3
v
VIL
Input Low
Voltage
CLK0, CLK1
-0.3
1.3
V
CLK_EN,
CLK_SEL
-0.3
0.8
V
IIH
Input High
Current
CLK0, CLK1,
CLK_SEL
VIN =VCC = 3.465V
150
µA
CLK_EN
VIN =VCC = 3.465V
5
µA
IIL
Input Low
Current
CLK0, CLK1,
CLK_SEL
VIN =0V, VCC = 3.465V
-5
µA
CLK_EN
VIN =0V, VCC = 3.465V
-150
µA
Table 4C. LVPECL DC Characteristics, VCC = 3.3V±5%, TA = 0°C to 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage1
VCC – 1.4
VCC – 0.9
V
VOL
Output Low Voltage1
VCC – 2.0
VCC – 1.7
V
VSWING
Output Voltage Swing
0.6
1.0
V
NOTE 1: Outputs terminated with 50
to V
CC–2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com