Electronic Components Datasheet Search
  English  ▼

X  

ICS8535-01 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS8535-01
Description  Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8535-01 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS8535-01 Datasheet HTML 1Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 2Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 3Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 4Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 5Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 6Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 7Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 8Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
REVISION F 08/11/14
5
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-3.3V LVPECL
FANOUT BUFFER
ICS8535-01 DATA SHEET
AC Characteristics
Table 5. AC Characteristics, VCC = 3.3V±5%, TA = 0°C to 70°C
1
NOTE 1: All parameters measured at 266MHz unless noted otherwise. The cycle-to-cycle jitter on the input will equal the jitter on the output.
The part does not add jitter.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
266
MHz
tPD
Propagation Delay2
NOTE 2: Measured from the V CC /2 of the input to the differential output crosspoint.
ƒ
266MHz
1.0
1.9
ns
tsk(o)
Output Skew3, 4
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the output differential
crosspoints
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
11
30
ps
tsk(pp)
Part-to-Part Skew4, 5
NOTE 5: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions. Using
the same type of inputs on each device, the outputs are measured at the differential crosspoints.
250
ps
tjit
Buffer Additive Phase Jitter,
RMS; refer to Additive Phase
Jitter section6
NOTE 6: Driving only one input clock.
0.09
ps
tR /tF
Output Rise/Fall Time
20% to 80% @ 50MHz
300
700
ps
odc
Output Duty Cycle
48
50
52
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com