Electronic Components Datasheet Search
  English  ▼

X  

ICS8535-01 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS8535-01
Description  Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8535-01 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS8535-01 Datasheet HTML 1Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 2Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 3Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 4Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 5Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 6Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 7Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 8Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DATA SHEET
Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V
LVPECL Fanout Buffer
ICS8535-01
ICS8535-01 REVISION F 08/11/14
1
©2014 Integrated Device Technology, Inc.
General Description
The ICS8535-01 is a low skew, high performance 1-to-4
LVCMOS/LVTTL-to-3.3V LVPECL fanout buffer. The ICS8535- 01
has two single ended clock inputs. the single ended clock input
accepts LVCMOS or LVTTL input levels and translate them to 3.3V
LVPECL levels. The clock enable is internally synchronized to
eliminate runt clock pulses on the output during asynchronous
assertion/deassertion of the clock enable pin.
Guaranteed output and part-to-part skew characteristics make the
ICS8535-01 ideal for those applications demanding well defined
performance and repeatability.
6
7
8
9
10
19
20
18 17 16
1
2
3
4
5
VCC
Q2
nQ2
VCC
nc
13
14
15
12
11
Q3
nQ3
VCC
VEE
CLK_EN
1
2
3
4
5
6
7
8
9
10
Q0
nQ0
VCC
Q1
nQ1
Q2
nQ2
VCC
Q3
nQ3
20
19
18
17
16
15
14
13
12
11
VEE
CLK_EN
CLK_SEL
CLK0
nc
CLK1
nc
nc
nc
VCC
ICS8535-01
20-Lead VFQFN
4mm x 4mm x 0.9 body package
K Package
Top View
ICS8535-01
20-Lead TSSOP
4.4mm x 6.5mm x 0.92 body package
G Package
Top View
Pin Assignment
Features
• Four differential 3.3V LVPECL outputs
• Selectable CLK0 or CLK1 inputs for redundant and multiple
frequency fanout applications
• CLK0 or CLK1 can accept the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 266MHz
• Translates LVCMOS and LVTTL levels to 3.3V LVPECL levels
• Output skew: 30ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 1.9ns (maximum)
• Additive phase jitter, RMS: < 0.09ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Lead-free (RoHS 6) packaging
Block Diagram
CLK0
CLK1
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
0
1
CLK_EN
CLK_SEL
D
Q
LE


Similar Part No. - ICS8535-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 5, 2001
logo
Integrated Device Techn...
ICS8535-01 IDT-ICS8535-01 Datasheet
424Kb / 18P
LVPECL Fanout Buffer
More results

Similar Description - ICS8535-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 5, 2001
ICS8535-21 ICST-ICS8535-21 Datasheet
226Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
REV. A OCTOBER 20, 2004
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
IDT8535-01 IDT-IDT8535-01 Datasheet
75Kb / 11P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
ICS8535BI-01 IDT-ICS8535BI-01 Datasheet
368Kb / 16P
LOW SKEW, 1-to-4 LVCMOS/LVTTL-TO- 3.3V LVPECL FANOUT BUFFER
logo
Micrel Semiconductor
SY898535L MICREL-SY898535L Datasheet
267Kb / 7P
Precision Differential 3.3V, Low Skew, 1:4 LVCMOS/LVTTL -to-LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01_11 Datasheet
400Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
PI6C48535-01B PERICOM-PI6C48535-01B Datasheet
575Kb / 6P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS8535I-01 IDT-ICS8535I-01 Datasheet
235Kb / 16P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8535I-01 RENESAS-ICS8535I-01 Datasheet
495Kb / 17P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com