Electronic Components Datasheet Search
  English  ▼

X  

ICS8535-01 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ICS8535-01
Description  Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8535-01 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ICS8535-01 Datasheet HTML 11Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 12Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 13Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 14Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 15Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 16Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 17Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 18Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
REVISION F 08/11/14
17
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-3.3V LVPECL
FANOUT BUFFER
ICS8535-01 DATA SHEET
F
T4C
4
10-11
LVPECL DC Characteristics Table -corrected VOH max. from VCC - 1.0V to
VCC - 0.9V.
Power Considerations - corrected power dissipation to reflect VOH max in Table 4C.
4/12/07
F
1
NRND - Not Recommended For New Designs
5/20/13
F
1
Removed NRND marking from datasheet
5/28/13
F
T8B
14
14
Updated datasheet format.
Updated Package Outline
Updated package dimensions to reflect tighter tolerances.
8/7/14
Rev
Table
Page
Description of Change
Date



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com